Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1446LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SK1446LS
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK1446LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK1446LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK1446LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK1446LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK1446LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK1446LS
No.3449-3/4
ITR01425
3
2
10
10
100
35
7
2
1.0
57
5
3
2
5
7
2
3
tf
tr
td(on)
ITR01424
5
2
2
7
3
5
7
3
5
1.0
10
0.1
1.0
10
7
2
3
5
7
2
3
5
72
3
Tc=
--25
°C
75°
C
25°
C
ITR01423
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
1.4
1.2
1.0
0.4
0.6
0.2
0.8
I D
=4A,
V GS
=10V
I D
=4A,
V GS
=20V
ITR01422
0
24
6
8
10
12
14
1.0
0.5
0.6
0.7
0.8
0.9
0.4
0.3
0.2
Tc=25
°C
ID=8A
1A
VDS=10V
4A
ITR01426
0
812
20
24
28
32
3
4
16
10000
1000
100
3
3
5
5
7
7
7
5
2
2
VGS=0
f=1MHz
Ciss
Coss
Crss
ITR01427
5
2
5
1.0
0.1
10
7
7
5
5
7
3
3
2
2
3
2
ITR01428
2.4
2.0
1.6
0.4
0
20
40
60
80
100
120
140
160
0
ITR01429
0
204060
80
100
120
140
160
0
40
30
35
20
10
1.2
0.8
3
10
100
57
2
3
5
7
2
3
7
5
1000
100
µs
10µ
s
1ms
10ms
100ms
DC
operation
<1
µs
IDP=28A
ID=7A
Operation in this
area is limited by RDS(on).
td(off)
VDD=200V
VGS=10V
P.W.=1
µs
D.C.
≤0.5%
No
heat
sink
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
SW Time -- ID
Drain Current, ID -- A
yfs -- ID
Drain-to-Source Voltage, VDS -- V
A S O
Ambient Temperature, Ta --
°C
PD -- Ta
Case Temperature, Tc --
°C
PD -- Tc
Case Temperature, Tc --
°C
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Tc=25
°C
Single pulse


Número de pieza similar - 2SK1446LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK1446LS ISC-2SK1446LS Datasheet
852Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Descripción similar - 2SK1446LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com