Nombre de pieza
         Descripción
139RPFX

 Quad Comparators, Low Offset Voltage ( 9 Page)


MAXWELL
100% 
Zoom Out Zoom In
   
 3 page
background image
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
Quad Comparators, Low Offset Voltage
139
12.13.01 Rev1
1000522
TABLE 5. 139 ELECTRICAL CHARACTERISTICS
(V+ = 5V, T
A = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBO
L
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
V
IO
1
1. At output switch point, VO=1.4V, RS=0with V+ from 5VDC to 30 VDC; and over the full input common-mode range (0VDC to
V+-1.5V
DC).
+25°C
--
2
5
mV
DC
-55 to 125°C
--
--
9
Input Bias Current
I
IB
I
IN(+) or IIN(-) with Output in Linear
Range,2, V
CM = 0V
2. The direction of the input current is out of the IC due to the PNP input stage. This current essentially constant, independent of
the state of the output so no loading change exists on the reference or input lines.
+25°C
--
25
100
nA
DC
-55 to 125°C
--
--
300
Input Offset Current
I
IO
I
IN(+) - IIN(-), VCM = 0V
+25°C
--
3
25
nA
DC
-55 to 125°C
--
--
100
Input Common Mode
Voltage Range
V
CM
V+ = 30 V
DC
3
3. The input common-mode voltage or either input voltage signal should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is V+-1.5V at 25°C, but either or both inputs can go to +30V without damage,
independent of the magnitude of V+.
+25°C
0
V+ -1.5
V
DC
-55 to 125°C
0
--
V+ -2.0
Supply Current
I
CC
R
L=∞on all comparators, V+ = 30V +25°C
--
0.8
2.0
mA
DC
-55 to 125°C
--
--
3.0
Voltage Gain
A
V
R
L > 15kΩ, V+=15VDC;
V
O = 1VDC to 11 VDC
( To support large V
O swing)
+25°C
50
200
--
V/mV
Large Signal Response
Time
t
r
V
IN = TTL Logic Swing,
V
REF = 1.4V, VRL = 5V
DC,
R
I = 5.1k
2
+25°C
--
300
--
ns
Response Time
t
Rtil
V
RL = 5V
DC, RL = 5.1k
4
4. The response time specified is for a 100mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be
obtained.
+25°C
--
1.3
--
µs
Output Sink Current
I
SINK
V
IN(-) = 1VDC, VIN(+) = 0,
V
O < 1.5VDC
+25°C
6.0
16
--
mA
DC
Saturation Voltage
V
SAT
V
IN(-) > 1V, VIN(+) = 0,
I
SINK < 4 mA
+25°C
--
250
400
mV
DC
-55 to 125°C
--
--
700
Output Leakage Current
I
CEX
V
IN(+) = 1VDC, VIN(-) = 0,
V
O = 5VDC VIN(-) = 0
+25°C
--
0.1
--
nA
DC
-55 to 125°C
--
--
1.0
µA
DC
Differential Input Voltage
V
diff
Keep all V
IN’s > 0 VDC
(or V- if used)5
5. Positive excursions of input voltage may exceed the power level as long as the other voltage remains within the common
mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3 V
DC (or
0.3V
DC below the magnitude of the negative power supply, if used) (at 25°C).
-55 to 125°C
--
--
36
V
DC
1  2  3  4  5  6  7  8  9 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM139JANLow Power Low Offset Voltage Quad Comparators 1 2 3 4 5 MoreNational Semiconductor
LM139Low Power Low Offset Voltage Quad Comparators 1 2 3 4 5 MoreNational Semiconductor
LM193Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor
MNLM193A-XLOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1 2 3 4 5 MoreNational Semiconductor
LM2901LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
LM193JANLow Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor
AP393Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreAnachip Corp
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl