Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC16373DGGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUC16373DGGR
Descripción Electrónicos  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16373DGGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUC16373DGGR Datasheet HTML 3Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 4Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 5Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 6Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 7Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 8Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 9Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 10Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUC16373DGGR
PREVIEW
TSSOP
DGG
48
2000
TBD
Call TI
Call TI
SN74AUC16373DGVR
PREVIEW
TVSOP
DGV
48
2000
TBD
Call TI
Call TI
SN74AUC16373GQLR
PREVIEW
VFBGA
GQL
56
1000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2005
Addendum-Page 1


Número de pieza similar - SN74AUC16373DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI-SN74AUC16374DGGR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI-SN74AUC16374DGVR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AUC16373DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com