Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-P402-F00XX Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-P402-F00XX
Descripción Electrónicos  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-P402-F00XX Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-P402-F00XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
High Efficiency Red
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P202-F00xx
1.0
5.0
P205-F00xx
1.0
8.0
P205-JK000
4.0
12.5
IF = 10 mA
6300-F00xx
1.0
10.0
6300-KL000
Luminous Intensity[1]
IV
6.3
20.0
mcd
6305-L00xx
10.0
40.0
7000-D00xx
0.4
1.0
IF = 2 mA
6600-G00xx
1.6
5.0
VF = 5.0 Volts
6620-F00xx
1.0
2.0
All
Forward Voltage
VF
1.5
1.8
3.0
V
IF = 10 mA
(Nonresistor Lamps)
6600
Forward Current
IF
9.6
13.0
mA
VF = 5.0 V
6620
(Resistor Lamps)
3.5
5.0
All
Reverse Breakdown Voltage
VR
5.0
30.0
V
IR = 100 µA
P205
125
6305
Included Angle Between
2q1/2
28
Deg.
All Diffused
Half Intensity Points[2]
90
Peak Wavelength
lPEAK
635
nm
Measured at Peak
Dominant Wavelength[3]
ld
626
nm
Spectral Line Half Width
Dl1/2
40
nm
All
Speed of Response
ts
90
ns
Capacitance
C
11
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hv
145
lm/W


Número de pieza similar - HLMP-P402-F00XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-P402 BOARDCOM-HLMP-P402 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

Descripción similar - HLMP-P402-F00XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com