Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD-700-KAC-GDB-XX.XXX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza CD-700-KAC-GDB-XX.XXX
Descripción Electrónicos  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-KAC-GDB-XX.XXX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CD-700-KAC-GDB-XX.XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 7 of 14
Rev : 06Jul05
Loop Filter
A PLL is a feedback system which forces the output frequency to lock in both phase and frequency to the
input frequency. While there will be some phase error, theory states there is no frequency error. The loop
filter design will dictate many key parameters such as jitter reduction, stability, lock range and acquisition
time. Be advised that many textbook equations describing loop dynamics, such as capture range are
based on ideal systems. Such equations may not be accurate for real systems due to nonlinearities, DC
offsets, noise and do not take into account the limited VCXO bandwidth. This section deals with some
real world design examples. Also, there is loop filter software on the Vectron web site, plus a full staff of
experienced applications engineers who are eager to assist in this process. Common CD-700 PLL
applications are shown in Figures 8, 9 (frequency translation), Figure 10 (clock recovery) and
Figure 11 (clock smoothing).
Of primary concern to the designer is selecting a loop filter that insures lock-in, stability and provides
adequate filtering of the input signal. For low input frequencies, a good starting point for the loop filter
bandwidth is 10 Hz (typical). An example would be translating an 8 kHz signal to 44.736 MHz.
Figures 8 and 9 show 8kHz to 44.736 MHz and 8kHz to 19.440 MHz frequency translation designs.
For high input frequencies, a good starting point for the loop filter bandwidth is 100 ppm times the input
frequency.
It’s fairly easy to set a low loop bandwidth for large frequency translations such as 8kHz to 44.736MHz,
but becomes more difficult for clock smoothing applications such as 19.440 MHz input and 19.440MHz
output. In this example, 100ppm * 19.440MHz is approximately 2kHz and this loop filter bandwidth may
be too high to adequately reject jitter. A good way to resolve this is to lower the DATAIN frequency such
as dividing the input frequency down. The loop filter bandwidth becomes lower since 100ppm * DATAIN
is lowered. Figure 11 shows an example for clock smoothing on a relatively high input frequency signal
and maintaining a wide lock range.
There is no known accurate formula for calculating acquisition time and so the best way to provide
realisitc figures is to measure the lock time for a CD-700. By measuring the control voltage settling time,
acquisiton time was measured in the range of 3-5 seconds for applications such as 8kHz to 34.368 MHz
frequency translation which is similar to the application in Figures 8 and 9, to sub 10 milliseconds for NRZ
data patterns such as Figure 10. It may be tempting to reduce the damping factor to 0.7 or 1.0 in order
to improve acquisition time; but, it degrades stability and will not signifigantly improve acquisition time. A
damping factor of 4 is fairly conservative and allows for excellent stability.
Some general quidelines for selecting the loop filter elements include: Values should be less than
1Megohm and at least 10kohm between the PHO and OPN, the capacitor should be low leakage and a
polarized capacitor is acceptable, the R/C’s should be located physically close to the CD-700 .The loop
filter software available on the web site was written for 5 volt operation. A simple way to calculate values
for 3.3 volt operation is to multiply the data density by 0.66 (3.3V / 5V).
SPICE models are another design aid. In most cases a new PLL CD-700 design is calculated by using
the software and verified with SPICE models. The simple active
Π model is shown in Figure 7.
Loop filter values can be modified to suit the system requirements and application. There are many
excellent references on designing PLL’s, such as “Phase-Locked Loops, Theory, Design and
Applications”, by Roland E Best (McGraw-Hill).


Número de pieza similar - CD-700-KAC-GDB-XX.XXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
CD-700-KAC-GDB-77.760 VECTRON-CD-700-KAC-GDB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Descripción similar - CD-700-KAC-GDB-XX.XXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com