Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-6720 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HLMP-6720 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 16 page 6 DH AS AlGaAs Red Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions P102-F00xx 1.0 20.0 P105-L00xx 10.0 30.0 P105-NP000 25 80 Q100-M00xx 16 45 Q100-N00xx Luminous Intensity IV 25.0 45.0 mcd IF = 20 mA Q100-PQ000 40 125 Q105-P00xx 40 200 Q105-ST000 160 500 Q150-F00xx 1.0 1.8 IF = 1 mA Q155-F00xx 1.0 4.0 Q100 Forward Voltage VF 1.8 2.2 V IF = 20 mA Q150/Q155 1.6 1.8 IF = 1 mA All Reverse Breakdown Voltage VR 5.0 15.0 V IR = 100 µA P105 125 Q100/Q150 Included Angle Between 2q1/2 90 Deg. Q105/Q155 Half Intensity Points[2] 28 Peak Wavelength lPEAK 645 nm Measured at Peak Dominant Wavelength[3] ld 637 nm Spectral Line Half Width Dl1/2 20 nm All Speed of Response ts 30 ns Exponential Time Constant; e-t/ts Capacitance C 30 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to Cathode Lead Luminous Efficacy[4] hv 80 lm/W |
Número de pieza similar - HLMP-6720 |
|
Descripción similar - HLMP-6720 |