Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSR10H-07330 Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza SSR10H-07330
Descripción Electrónicos  KEMET, SSR10V/H, Commercial Grade, 0.033 H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSR10H-07330 Datasheet(HTML) 1 Page - Kemet Corporation

  SSR10H-07330 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSR10H-07330
KEMET, SSR10V/H, Commercial Grade, 0.033 H
Dimensions
L
22mm MAX
T
18mm MAX
H
13.5mm MAX
S
12mm +/-0.5mm
S1
17mm +/-0.5mm
LL
3.5mm +/-0.5mm
F
0.7mm NOM
Wire Size
0.28mm
Packaging Specifications
Weight: 9 g
Packaging: Tray
Packaging Quantity: 300
General Information
Series: SSR10V/H
Style: Through-Hole Choke
Description: Common Mode Choke. AC Line
Filter. High Impedance Type.
Features:
Small Standard Common Mode,
High Permeability, Compact
Size, Low Profile, Light Weight,
High Impedance, Strong
Inductance
RoHS: Yes
Lead: Wire Leads
Miscellaneous: 55 (K) Temperature Rise Max.
Specifications
Inductance: 33 mH (10 kHz)
Temperature Range: -20/+120C
Rated Temperature: 120C
Current: 0.7 A
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VAC MAX
Insulation Resistance: 100 MOhms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 10/24/2018 - 4fefed04-9ed0-4cd0-9573-35164310d923


Número de pieza similar - SSR10H-07330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SSR10H-04910 KEMET-SSR10H-04910 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.091 H
SSR10H-05595 KEMET-SSR10H-05595 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.0595 H
SSR10H-06475 KEMET-SSR10H-06475 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.0475 H
SSR10H-08220 KEMET-SSR10H-08220 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.022 H
More results

Descripción similar - SSR10H-07330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SSR10H-11140 KEMET-SSR10H-11140 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.014 H
SSR10H-10170 KEMET-SSR10H-10170 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-05595 KEMET-SSR10V-05595 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.0595 H
SSR10V-10170 KEMET-SSR10V-10170 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-11140 KEMET-SSR10V-11140 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.014 H
SSR10H-08220 KEMET-SSR10H-08220 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.022 H
SSR10V-08220 KEMET-SSR10V-08220 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.022 H
SSR10H-04910 KEMET-SSR10H-04910 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.091 H
SSR10H-05595 KEMET-SSR10H-05595 Datasheet
239Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.0595 H
SSR10V-06475 KEMET-SSR10V-06475 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, Commercial Grade, 0.0475 H
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com