Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA03-11YWA Datasheet(PDF) 5 Page - Kingbright Corporation

No. de pieza SA03-11YWA
Descripción Electrónicos  7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA03-11YWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SA03-11YWA Datasheet HTML 1Page - Kingbright Corporation SA03-11YWA Datasheet HTML 2Page - Kingbright Corporation SA03-11YWA Datasheet HTML 3Page - Kingbright Corporation SA03-11YWA Datasheet HTML 4Page - Kingbright Corporation SA03-11YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: KDA0321
REV NO: V.1
DATE: NOV/19/2001
PAGE: 5 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Super Bright Red


Número de pieza similar - SA03-11YWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SA03-11YWA KINGBRIGHT-SA03-11YWA Datasheet
162Kb / 3P
   Standard-Displays
SA03-11YWA KINGBRIGHT-SA03-11YWA Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Descripción similar - SA03-11YWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
DA03-11 KINGBRIGHT-DA03-11 Datasheet
494Kb / 5P
   7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Everlight Electronics C...
ELS-321SURWA EVERLIGHT-ELS-321SURWA Datasheet
120Kb / 7P
   0.3 Single Digit Displays
ELS-322SURWA EVERLIGHT-ELS-322SURWA Datasheet
124Kb / 7P
   0.3 Single Digit Displays
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com