Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UT3232 Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza UT3232
Descripción Electrónicos  EXTERNAL CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3232 Datasheet(HTML) 5 Page - Unisonic Technologies

  UT3232_17 Datasheet HTML 1Page - Unisonic Technologies UT3232_17 Datasheet HTML 2Page - Unisonic Technologies UT3232_17 Datasheet HTML 3Page - Unisonic Technologies UT3232_17 Datasheet HTML 4Page - Unisonic Technologies UT3232_17 Datasheet HTML 5Page - Unisonic Technologies UT3232_17 Datasheet HTML 6Page - Unisonic Technologies UT3232_17 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UT3232
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A68.G
ELECTRICAL CHARACTERISTICS [(over recommended ranges of supply voltage and operating
free-air temperature (unless otherwise noted) (see Note 3 & Table 1)]
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
Supply Current
ICC
No load
0.3
1.0
mA
DRIVER SECTION
High-Level Output Voltage
VOH
DOUT at RL=3kΩ to GND, DIN=GND
+5.0
+5.4
V
Low-Level Output Voltage
VOL
DOUT at RL=3kΩ to GND, DIN=VCC
-5.0
-5.4
V
High-Level Input Current
IOH
VI=VCC
±0.01
±1
μA
Low-Level Input Current
IOL
VI at GND
±0.01
±1
μA
VCC=3.6V, VOUT=0V
±35
±60
mA
Short-Circuit Output Current
(Note 2)
IOS
VCC=5.5V, VOUT=0V
±35
±60
mA
Output Resistance
rO
VCC, V+ and V- =0V, VOUT=±2.0V
300
10M
RECEIVER SECTION
High-Level Output Voltage
VOH
IOH=-1.0mA
VCC-0.6V VCC- 0.1V
V
Low-Level Output Voltage
VOL
IOL=1.6mA
0.4
V
VCC=3.3V
1.5
2.4
V
Positive-Going Input Threshold
Voltage
VIT+
VCC=5.0V
1.8
2.4
V
VCC=3.3V
0.6
1.2
V
Negative-Going Input
Threshold Voltage
VIT-
VCC=5.0V
0.8
1.5
V
Input Hysteresis
VHYS
VIT+~VIT-
0.3
V
Input Resistance
RI
VI=±3.0V~±25V
3
5
7
kΩ
Notes: 1. All typical values are at VCC=3.3V or VCC=5.0V, and TA=25°C.
2. Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation
ratings, and not more than one output should be shorted at a time.
3. Test conditions are C1~C4=0.1μF at VCC=3.3V±0.3V; C1=0.047μF, C2~C4=0.33μF at VCC=5.0V±0.5V.
4. Pulse skew is defined as |tPLH−tPHL| of each channel of the same device.
SWITCHING CHARACTERISTICS [over recommended ranges of supply voltage and operating
free-air temperature (unless otherwise noted) (see Note 3 and Table 1)]
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
DRIVER SECTION
Maximum Data Rate
CL=1000pF, RL=3kΩ, One Driver
Switching
250
Kbit/s
Pulse Skew (Note 4)
tSK(p)
CL=220pF~2500pF, RL =3kΩ~7kΩ
300
ns
CL=220pF~1000pF
5
35
Slew Rate, Transition Region
SR(tr)
RL =3kΩ~7kΩ,
VCC=3.3V
CL=220pF~2500pF
3
35
V/μs
RECEIVER SECTION
Propagation Delay Time, Low-
to High-Level Output
tPLH
CL=150pF
300
ns
Propagation Delay Time, High-
to Low-Level Output
tPHL
CL=150pF
300
ns
Output Enable Time
tEN
CL=150pF, RL=3kΩ
200
ns
Output Disable Time
tDIS
CL=150pF, RL=3kΩ
200
ns
Pulse Skew (Note 4)
tSK(P)
|tPLH−tPHL|
300
ns
Notes: 1. All typical values are at VCC=3.3V or VCC=5.0V, and TA=25°C.
2. Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation
ratings, and not more than one output should be shorted at a time.
3. Test conditions are C1~C4=0.1μF at VCC=3.3V±0.3V; C1=0.047μF, C2~C4=0.33μF at VCC=5.0V±0.5V.
4. Pulse skew is defined as |tPLH−tPHL| of each channel of the same device.


Número de pieza similar - UT3232_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UT3232 UTC-UT3232_15 Datasheet
266Kb / 7P
   MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
More results

Descripción similar - UT3232_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UT3222 UTC-UT3222_16 Datasheet
213Kb / 7P
   EXTERNAL CAPACITORS
logo
ARTSCHIP ELECTRONICS CO...
MAX200 ARTSCHIP-MAX200 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Hexawave, Inc
HWS540 HW-HWS540 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
   No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
HWS532 HW-HWS532 Datasheet
68Kb / 4P
   No external DC blocking capacitors required
logo
Murata Manufacturing Co...
CSTNE18M4V530000R0 MURATA-CSTNE18M4V530000R0 Datasheet
184Kb / 2P
   Oscillation circuits do not require external load capacitors
CSTNE12M5G550000R0 MURATA-CSTNE12M5G550000R0 Datasheet
183Kb / 2P
   Oscillation circuits do not require external load capacitors
logo
Murata Manufacturing Co...
CSTCE8M50G52-R0 MURATA1-CSTCE8M50G52-R0 Datasheet
183Kb / 3P
   Oscillation circuits do not require external load capacitors.
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
More results


Html Pages

1 2 3 4 5 6 7