Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A3357 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5A3357
Descripción Electrónicos  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3357 Datasheet HTML 5Page - Texas Instruments TS5A3357 Datasheet HTML 6Page - Texas Instruments TS5A3357 Datasheet HTML 7Page - Texas Instruments TS5A3357 Datasheet HTML 8Page - Texas Instruments TS5A3357 Datasheet HTML 9Page - Texas Instruments TS5A3357 Datasheet HTML 10Page - Texas Instruments TS5A3357 Datasheet HTML 11Page - Texas Instruments TS5A3357 Datasheet HTML 12Page - Texas Instruments TS5A3357 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
9
Electrical Characteristics for 1.8 V Supply
(V+ = 1.65 V TO 1.95 V AND TA = −40 °C TO 85 °C) (UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
ANALOG SWITCH
Analog Signal Range
VCOM,VNO
0
V+
V
Peak On-Resistance
rpeak
0
≤ VNO ≤ V+,
ICOM = −4 mA,
Switch ON,
see Figure 12
Full
1.65 V
150
VNO = 0 V,
25
°C
10
20
On-Resistance
ron
VNO = 0 V,
ICOM = 4 mA
Switch ON,
Full
1.65 V
20
On-Resistance
ron
VNO = 1.8 V,
Switch ON,
see Figure 12
25
°C
1.65 V
17
50
VNO = 1.8 V,
ICOM = −4 mA
Full
50
On-Resistance
match between
channels
∆ron
VNO = 1.15 V,
ICOM = −4 mA,
Switch ON,
see Figure 12
25
°C
1.65 V
0.3
On-Resistance
flatness
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −4 mA,
Switch ON,
see Figure 12
25
°C
1.8 V
140
NO Off-Leakage
INO(OFF)
VNO = 0 to V+,
Switch OFF,
25
°C
1.95 V
−0.1
0.1
A
NO Off-Leakage
Current
INO(OFF)
VNO = 0 to V+,
VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
1.95 V
−1
1
µA
COM Off-Leakage
ICOM(OFF)
VNO = 0 to V+,
Switch OFF,
25
°C
1.95 V
−0.1
0.1
A
COM Off-Leakage
Current
ICOM(OFF)
VNO = 0 to V+,
VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
1.95 V
−1
1
µA
NO On-Leakage
INO(ON)
VNO = 0 to V+,
Switch ON,
25
°C
1.95 V
−0.1
0.1
A
NO On-Leakage
Current
INO(ON)
VNO = 0 to V+,
VCOM = Open,
Switch ON,
see Figure 13
Full
1.95 V
−1
1
µA
COM On-Leakage
ICOM(ON)
VNO = Open,
Switch ON,
25
°C
1.95 V
−0.1
0.1
A
COM On-Leakage
Current
ICOM(ON)
VNO = Open,
VCOM = 0 to V+,
Switch ON,
see Figure 13
Full
1.95 V
−1
1
µA
DIGITAL INPUTS (IN1, IN2)(2)
Input Logic High
VIH
Full
0.75
× V+
5.5
V
Input Logic Low
VIL
Full
0
0.25
× V+
V
Input Leakage
IIH, IIL
VIN = 5.5 V or 0
25
°C
1.95 V
0.1
µA
Input Leakage
Current
IIH, IIL
VIN = 5.5 V or 0
Full
1.95 V
1
µA
(1) All typical values are at V+ = 1.8 V, TA = 25°C.
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Número de pieza similar - TS5A3357

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI1-TS5A3357 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
TS5A3357 TI-TS5A3357 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS5A3357

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com