Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD102JY Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD102JY
Descripción Electrónicos  General Purpose Input Isolation Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD102JY Datasheet(HTML) 2 Page - Analog Devices

  AD102JY Datasheet HTML 1Page - Analog Devices AD102JY Datasheet HTML 2Page - Analog Devices AD102JY Datasheet HTML 3Page - Analog Devices AD102JY Datasheet HTML 4Page - Analog Devices AD102JY Datasheet HTML 5Page - Analog Devices AD102JY Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Min
Typ
Max
Unit
Notes
ACCURACY
Gain Range
1
100
V/V
Unity Gain Error
±0.5
±5.0
%
vs. Temperature
±45
ppm/
°C
±100 ppm/°C max
vs. Time
±50
ppm
Per
√1,000 Hours
vs. Supply Voltage, AD102
1
±0.01
%/V
vs. Supply Voltage, AD104
1
±0.001
%/V
Nonlinearity
2
±0.05
%
INPUT VOLTAGE RATINGS
Linear Differential Range
±5.0
V
Between IN+ and IN–
CMV, Input to Output
2
AC, 60 Hz, Sinusoidal Waveform
500
V rms
100% Tested
DC
700
V pk-pk
Common-Mode Rejection (CMR)
RS
≤ 100 Ω, AD1021
100
dB
RS
≤ 100 Ω, AD1041
105
dB
RS ≤ 1 kΩ, AD102
1
95
dB
RS
≤ 1 kΩ, AD1041
105
dB
Leakage Current
0.5
µA2 µA max, In to Out,
240 V rms @ 60 Hz
INPUT CHARACTERISTICS
Input Offset Voltage, Initial
(
±15 ±15/G) mV
+25
°C
vs. Temperature
(
±10 ±10/G)
µV/°C0°C to +70°C
Input Bias Current, Initial
±100
pA
+25
°C
vs. Temperature
±20
nA
0
°C to +70°C
Input Difference Current, Initial
±10
pA
+25
°C
vs. Temperature
±2nA
0
°C to +70°C
Input Voltage Noise
0.1 Hz to 100 Hz
4
µV pk-pk
f > 200 Hz
50
nV/
√Hz
Differential Input Impedance
10
12
Common-Mode Input Impedance
2G 5.5
Ω pF
FREQUENCY RESPONSE
Bandwidth, Full Power (–3 dB)
AD102
1
1.5
kHz
VIN ≤ ± 5 V, G = 1–50 V/V
AD104
1
4.0
kHz
VIN
≤ ±5 V, G = 1–50 V/V
Settling Time
1.0
ms
Time to
±10 mV from
10 V Step Input
RATED OUTPUT
Output Voltage Range
Between OUT HI and OUT LO
±5.0
V
Between OUT HI or LO to PWR/CLK COM
±6.5
V
Output Resistance
AD102
1
8k
AD104
1
4k
Output Ripple
100 kHz Bandwidth
10
mV pk-pk
5 kHz Bandwidth
0.5
mV rms
POWER SUPPLY (AD102 ONLY)
1
Supply Voltage
Rated Performance
+14.25
+15
+15.75
V dc
Operational Performance
+13.5
+15
+16.5
V dc
Supply Current
5
mA
AD102/AD104–SPECIFICATIONS
REV. A
–2–
(@ TA = +25 C and power supply of +15 V
5% unless otherwise noted)


Número de pieza similar - AD102JY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
AD102 MICROSEMI-AD102 Datasheet
127Kb / 3P
   SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD102 NJSEMI-AD102 Datasheet
156Kb / 2P
   1.6 Amp, Planar
logo
MicroPower Direct, LLC
AD1020-05F MPD-AD1020-05F Datasheet
292Kb / 2P
   Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
logo
Analog Devices
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
More results

Descripción similar - AD102JY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD104 AD-AD104_15 Datasheet
100Kb / 6P
   General Purpose Input Isolation Amplifier
REV. A
AD102 AD-AD102_15 Datasheet
100Kb / 6P
   General Purpose Input Isolation Amplifier
REV. A
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com