Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5461 Datasheet(PDF) 8 Page - Cirrus Logic |
|
CS5461 Datasheet(HTML) 8 Page - Cirrus Logic |
8 / 46 page CS5461 8 DS546PP2 3. CHARACTERISTICS/SPECIFICATIONS • Min / Max characteristics and specifications are guaranteed over all Operating Conditions. • Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C. • DGND = 0 V. All voltages with respect to 0 V. RECOMMENDED OPERATING CONDITIONS ANALOG CHARACTERISTICS Notes: 1. Applies after system calibration 2. Effective Input Impedance (EII) is determined by clock frequency (DCLK) and Input Capacitance (IC). EII = 1/(IC*DCLK/4). Note that DCLK = MCLK / K. Parameter Symbol Min Typ Max Unit Positive Digital Power Supply VD 3.135 3.3 5.25 V Positive Analog Power Supply VA+ 4.75 5 5.25 V Negative Analog Power Supply VA- -0.25 0 0.25 V Voltage Reference VREF - 2.5 - V Specified Temperature Range TA -40 - +85 °C Parameter Symbol Min Typ Max Unit Accuracy (Both Channels) Common Mode Rejection (DC, 50, 60 Hz) CMRR 80 - - dB Offset Drift (Without the High Pass Filter) - 5 - nV/°C Analog Inputs (Current Channel) Differential Input Voltage Range (Gain = 10) {(IIN+) - (IIN-)} (Gain = 50) IIN 0 0 - - 500 100 mVP-P mVP-P Total Harmonic Distortion THD 74 - - dB Common Mode + Signal All Gain Ranges -0.25 - VA+ V Crosstalk with Voltage Channel at Full Scale (50, 60 Hz) - - -115 dB Input Capacitance (Gain = 10) (Gain = 50) IC - - 25 25 - - pF pF Effective Input Impedance (Gain = 10) (Note 2) (Gain = 50) EII 30 30 - - - - k Ω k Ω Noise (Referred to Input) (Gain = 10) (Gain = 50) NI - - - - 22.5 4.5 µVrms µVrms Accuracy (Current Channel) Bipolar Offset Error (Note 1) VOS - - ±0.001 %F.S. Full-Scale Error (Note 1) FSE - - ±0.001 %F.S. |
Número de pieza similar - CS5461 |
|
Descripción similar - CS5461 |