Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA5M0765RC Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza KA5M0765RC
Descripción Electrónicos  KA5M0765RC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0765RC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA5M0765RC Datasheet HTML 1Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 2Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 3Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 4Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 5Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 6Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 7Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 8Page - Fairchild Semiconductor KA5M0765RC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA5M0765RC
S P S
Preliminary
NOTE: Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (SFET part)
(Ta=25
°C unless otherwise specified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=50µA650
−−
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating, VGS=0V
−−
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125°C
−−
200
µA
Static drain-source on resistance (note)
RDS(ON)
VGS=10V, ID=0.5A
1.25
1.6
Forward transconductance (note)
gfs
VDS=50V, ID=0.5A
3.0
−−
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
1600
pF
Output capacitance
Coss
310
Reverse transfer capacitance
Crss
120
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=1.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
25
nS
Rise time
tr
55
Turn off delay time
td(off)
80
Fall time
tf
50
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=1.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
−−
72
nC
Gate-source charge
Qgs
9.3
Gate-drain (Miller) charge
Qgd
29.3


Número de pieza similar - KA5M0765RC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA5M0765RQC-TU FAIRCHILD-KA5M0765RQC-TU Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA5M0765RQC-YDTU FAIRCHILD-KA5M0765RQC-YDTU Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA5M0765RQCTU FAIRCHILD-KA5M0765RQCTU Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA5M0765RQCYDTU FAIRCHILD-KA5M0765RQCYDTU Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com