Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTVX2602 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

No. de pieza MTVX2602
Descripción Electrónicos  Managed 24 Port 10/100 Mbps Ethernet Switch
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MTVX2602 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MTVX2602 Datasheet HTML 1Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 2Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 3Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 4Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 5Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 6Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 7Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 8Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Integrated Single-Chip 10/100 Mbps Ethernet
Switch
24 10/100 Mbps Autosensing, Fast Ethernet
Ports with RMII or Serial Interface (7WS). Each
port can independently use one of the two
interfaces.
Supports 8/16-bit CPU interface in managed
mode
Serial interface in unmanaged mode
Supports one Frame Buffer Memory domain with
SRAM at 100 MHz
Supports SRAM domain memory size 1 MB or
2MB
Applies centralized shared memory architecture
Up to 64 K MAC addresses
Maximum throughput is 2.4 Gbps non-blocking
High performance packet forwarding (7.1431 M
packets per second) at full wire speed
Provides port based and ID tagged VLAN
support (IEEE 802.1Q), up to 255 VLANs
Supports IP Multicast with IGMP snooping
Supports spanning tree with CPU, on per port or
per VLAN basis
Packet Filtering and Port Security
• Static address filtering for source and/or destination
MAC
• Static MAC address not subject to aging
Secure mode freezes MAC address learning
Each port may independently use this mode
Full Duplex Ethernet IEEE 802.3x Flow Control
Backpressure flow control for Half Duplex ports
Supports Ethernet multicasting and broadcasting
and flooding control
Supports per-system option to enable flow
control for best effort frames even on QoS-
enabled ports
Traffic Classification
• 4 transmission priorities for Fast Ethernet ports with
2 dropping levels
February 2004
Ordering Information
MVTX2602AG
553 Pin HSBGA
-40°C to +85°C
MVTX2602
Managed 24 Port 10/100 Mbps Ethernet
Switch
Data Sheet
Figure 1 - MVTX2602 System Block Diagram
FDB Interface
Frame Data Buffer
SRAM (1M / 2M)
LED
Search
Engine
MCT
Link
Frame Engine
FCB
Parallel /
Serial
Management
Module
24 x 10 / 100
RMII
Ports 0 - 23
CPU


Número de pieza similar - MTVX2602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
Tyco Electronics
MTV-50PIN MACOM-MTV-50PIN Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50_15 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results

Descripción similar - MTVX2602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
Zarlink Semiconductor I...
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
logo
ORing Industrial Networ...
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
   10-port managed Ethernet switch
logo
Vitesse Semiconductor C...
VSC7374 VITESSE-VSC7374 Datasheet
422Kb / 2P
   HawX-G24??- 24-Port 10/100/1000 Managed L2 Ethernet Switch
logo
ORing Industrial Networ...
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
logo
ORing Industrial Networ...
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
   24-port managed PoE Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
   Industrial 24-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com