Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTVX2602 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

No. de pieza MTVX2602
Descripción Electrónicos  Managed 24 Port 10/100 Mbps Ethernet Switch
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MTVX2602 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MTVX2602 Datasheet HTML 1Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 2Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 3Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 4Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 5Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 6Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 7Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 8Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 147 page
background image
MVTX2602
Data Sheet
3
Zarlink Semiconductor Inc.
Description
The MVTX2602 is a high density, low cost, high performance, non-blocking Ethernet switch chip. A single chip
provides 24 ports at 10/100 Mbps and a CPU interface for managed and unmanaged switch applications.
The chip supports up to 64 K MAC addresses and up to 255 port-based Virtual LANs (VLANs). The centralized
shared memory architecture permits a very high performance packet forwarding rate at up to 3.571M packets per
second at full wire speed. The chip is optimized to provide low-cost, high-performance workgroup switching.
The Frame Buffer Memory domains utilize cost-effective, high-performance synchronous SRAM with aggregate
bandwidth of 6.4 Gbps to support full wire speed on all ports simultaneously.
With delay bounded, strict priority, and/or WFQ transmission scheduling, and WRED dropping schemes, the
MVTX2602 provides powerful QoS functions for various multimedia and mission-critical applications. The chip
provides 4 transmission priorities and 2 levels of dropping precedence. Each packet is assigned a transmission
priority and dropping precedence based on the VLAN priority field in a VLAN tagged frame, or the DS/TOS field, or
the UDP/TCP logical port fields in IP packets. The MVTX2602 recognizes a total of 16 UDP/TCP logical ports, 8
hard-wired and 8 programmable (including one programmable range).
The MVTX2602 supports 2 groups of port trunking/load sharing. Each 10/100 group can contain up to 4 ports. Port
trunking/load sharing can be used to group ports between interlinked switches to increase the effective network
bandwidth.
In half-duplex mode, all ports support backpressure flow control to minimize the risk of losing data during long
activity bursts. In full-duplex mode, IEEE 802.3x flow control is provided. The MVTX2602 also supports a per-
system option to enable flow control for best effort frames, even on QoS-enabled ports.
Statistical information for SNMP and the Remote Monitoring Management Information Base (RMON MIB) are
collected independently for all ports. Access to these statistical counters/registers is provided via the CPU interface.
SNMP Management frames can be received and transmitted via the CPU interface creating a complete network
management solution.
The MVTX2602 is fabricated using 0.25 micron technology. Inputs however, are 3.3 V tolerant, and the outputs are
capable of directly interfacing to LVTTL levels. The MVTX2602 is packaged in a 553-pin Ball Grid Array package.


Número de pieza similar - MTVX2602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
Tyco Electronics
MTV-50PIN MACOM-MTV-50PIN Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50_15 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results

Descripción similar - MTVX2602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
Zarlink Semiconductor I...
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
logo
ORing Industrial Networ...
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
   10-port managed Ethernet switch
logo
Vitesse Semiconductor C...
VSC7374 VITESSE-VSC7374 Datasheet
422Kb / 2P
   HawX-G24??- 24-Port 10/100/1000 Managed L2 Ethernet Switch
logo
ORing Industrial Networ...
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
logo
ORing Industrial Networ...
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
   24-port managed PoE Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
   Industrial 24-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com