Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-6731 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HCPL-6731 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 12 page 4 Outline Drawings (continued) 16 Pin Flat Pack, 4 Channels 20 Terminal LCCC Surface Mount, 2 Channels 8 Pin DIP Through Hole, 1 and 2 Channel 8.13 (0.320) MAX. 5.23 (0.206) MAX. 2.29 (0.090) MAX. 7.24 (0.285) 6.99 (0.275) 1.27 (0.050) REF. 0.46 (0.018) 0.36 (0.014) 11.13 (0.438) 10.72 (0.422) 2.85 (0.112) MAX. 0.89 (0.035) 0.69 (0.027) 0.31 (0.012) 0.23 (0.009) 0.88 (0.0345) MIN. 9.02 (0.355) 8.76 (0.345) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). 8.70 (0.342) 9.10 (0.358) 4.95 (0.195) 5.21 (0.205) 1.78 (0.070) 2.03 (0.080) 1.02 (0.040) (3 PLCS) 4.95 (0.195) 5.21 (0.205) 8.70 (0.342) 9.10 (0.358) 1.78 (0.070) 2.03 (0.080) 0.51 (0.020) 0.64 (0.025) (20 PLCS) 1.52 (0.060) 2.03 (0.080) METALIZED CASTILLATIONS (20 PLCS) 2.16 (0.085) TERMINAL 1 IDENTIFIER NOTE: DIMENSIONS IN MILLIMETERS (INCHES). SOLDER THICKNESS 0.127 (0.005) MAX. 1.14 (0.045) 1.40 (0.055) 3.81 (0.150) MIN. 4.32 (0.170) MAX. 9.40 (0.370) 9.91 (0.390) 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 0.76 (0.030) 1.27 (0.050) 8.13 (0.320) MAX. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) 7.16 (0.282) 7.57 (0.298) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). |
Número de pieza similar - HCPL-6731 |
|
Descripción similar - HCPL-6731 |