Nombre de pieza
         Descripción
CLC114

 Quad, Low Power Video Buffer ( 10 Page)


NSC
100% 
Zoom Out Zoom In
 
 6 page
background image
Typical Performance Characteristics (Continued)
Small Signal Pulse Response
DS012738-10
Large Signal Pulse Response
DS012738-11
Short-Term Settling Time
DS012738-12
Integral Linearity Error
DS012738-13
Output Current vs. Temperature
DS012738-14
Typical D.C. Errors vs. Temperature
DS012738-15
www.national.com
6
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HFA1412Quad High Speed Low Power Video Closed Loop Buffer 1 2 3 4 Intersil Corporation
HS-1412RHRadiation Hardened Quad High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 MoreIntersil Corporation
THS73533-Channel Low Power Video Buffer with I2C Control Selectable Filters External Gain Control 2:1 Input MUX and Selectable Input Modes 1 2 3 4 5 MoreTexas Instruments
FSAV430Low Voltage Ultra Low Power High Bandwidth 1.1GHz Quad SPDT Video Switch 1 2 3 4 5 MoreFairchild Semiconductor
HFA1212883Dual High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 Intersil Corporation
HS-1212RHRadiation Hardened Dual High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 MoreIntersil Corporation
HFA1405Quad 560MHz Low Power Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
AD828Dual Low Power Video Op Amp 1 2 3 4 5 MoreAnalog Devices
DBL324LOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreDaewoo Semiconductor
HA45795MHz Low Power AV = 2 8 x 8 Video Crosspoint Switch 1 2 3 4 5 MoreIntersil Corporation