Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-573K-200 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-573K-200
Descripción Electrónicos  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-573K-200 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-573K-200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-573K-200 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 8. Switching Test Circuit (f, tP
not JEDEC registered).
Figure 9. Test Circuit for Transient Immunity and
Typical Waveforms.
Figure 10. Recommended Drive Circuitry Using TTL Open-Collector Logic.
GND
VCC
IF
RL
RCC*
56
1.0 µF
+5 V
VO
* SEE NOTE 11
D.U.T.
Rm
IF MONITOR
PULSE GEN.
ZO = 50 Ω
tr, tf = 50 ns
f = 100 Hz
tPULSE = 0.5ms
CL**
** CLINCLUDES PROBE AND STRAY WIRING CAPACITANCE.
VFF
GND
VCC
IF
VCM
RL
RCC*
56
1.0 µF
+5 V
VO
+–
PULSE GEN.
* SEE NOTE 11
A
B
D.U.T.
GND
VCC
ILEAK
VO
D.U.T.
R2 MAY BE OMITTED
IF ADDITIONAL FANOUT
IS NOT USED.
R1
R2
VCC
R2 >
2.4 - VF
IF
R1 <
VCC - VF - IF R2
IF + ILEAK


Número de pieza similar - HCPL-573K-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-573K AVAGO-HCPL-573K Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Descripción similar - HCPL-573K-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com