Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-4503 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-4503
Descripción Electrónicos  Small Outline, 5 Lead, High Speed Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4503 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-4503 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. (See note 11.)
Parameter
Symbol Min. Typ.* Max. Units
Test Conditions
Fig. Note
Current
CTR
20
24
50
%
TA = 25°CVO = 0.4 V
VCC = 4.5 V 1, 2,
5
15
25
VO = 0.5 V
4
Logic Low
VOL
0.1
0.4
V
TA = 25°CIO = 3.0 mA
0.5
IO = 2.4 mA
Logic High
IOH
0.003
0.5
µAT
A = 25°CVO = VCC = 5.5 V
7
0.01
1
TA = 25°CVO = VCC = 15.0 V
50
IF = 0 mA
Logic Low
ICCL
50
200
IF = 16 mA, VO = Open,
11
Supply
VCC = 15 V
Current
Logic High
ICCH
0.02
1
TA = 25°CIF = 0 mA, VO = Open,
11
2
Input Forward
VF
1.5
1.7
V
TA = 25°C3
1.8
IF = 16 mA
Input Reverse
BVR
5IR = 10 µA
Breakdown
Voltage
Temperature
∆V
F/∆TA
-1.6
mV/
°CI
F = 16 mA
Coefficient of
Forward
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0
Capacitance
Input-Output
VISO
3750
VRMS RH ≤ 50%, t = 1 min., TA = 25°C
6, 7
Insulation
Resistance
RI-O
1012
VI-O = 500 VDC
6
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
6
(Input-Output)
*All typicals at TA = 25°C.
Output
Voltage
Supply
Current
IF = 16 mA
Voltage
Transfer Ratio
VCC = 15.0 V
Output
Current
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min External Air Gap
L(IO1)
≥ 5
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking Path
L(IO2)
≥ 5
mm
Measured from input terminals
(Creepage)
to output terminals
Min. Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109


Número de pieza similar - HCPL-4503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-4503 HP-HCPL-4503 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503 AVAGO-HCPL-4503 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Broadcom Corporation.
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503-000E AVAGO-HCPL-4503-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Descripción similar - HCPL-4503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com