Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-4503 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-4503
Descripción Electrónicos  Small Outline, 5 Lead, High Speed Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4503 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HCPL-4503 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 11. Test Circuit for Transient Immunity and Typical Waveforms.
Figure 10. Switching Test Circuit.
Figure 9. Frequency Response.
f – FREQUENCY – MHz
0
-20
0.01
0.1
1.0
-25
10
-30
TA = 25°C
IF = 16 mA
-15
-10
-5
RL = 100 Ω
RL = 220 Ω
RL = 470 Ω
RL = 1 kΩ
1
3
6
5
4
20 k
SET IF
+5 V
AC INPUT
0.1 µF
500
100
2N3063
1.5 V dc
0.25 Vp-p ac
0.1 µF
+5 V
VO
RL
VO
PULSE
GEN.
ZO = 50 Ω
tr = 5 ns
IF MONITOR
IF
0.1µF
RL
CL = 15 pF
100
0
tPHL
tPLH
VO
IF
VOL
1.5 V
1.5 V
5 V
+5 V
1
3
6
5
4
10% DUTY CYCLE
1/f
100 µs
VO
IF
0.1µF
RL
A
B
PULSE GEN.
VCM
+
VFF
VO
VOL
VO
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 1.6 mA
F
VCM
tr
tf
5 V
VCC
10 V
tr, tf = 16 ns
1
3
6
5
4
RCC (SEE NOTE 10)
220


Número de pieza similar - HCPL-4503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-4503 HP-HCPL-4503 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503 AVAGO-HCPL-4503 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Broadcom Corporation.
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503-000E AVAGO-HCPL-4503-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Descripción similar - HCPL-4503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com