Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5023-BM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza SI5023-BM
Descripción Electrónicos  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SI5023-BM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI5023-BM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Si 50 22 /Si 5 0 2 3
8
Preliminary Rev. 0.46
Table 3. AC Characteristics (Clock and Data)
(VDD=2.5 V ± 5% for Si5022 or 3.3 V ± 5% for Si5023, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
.15
2.7
GHz
Output Rise Time
tR
Figure 4
100
TBD
ps
Output Fall Time
tF
Figure 4
100
TBD
ps
Clock to Data Delay
FEC (2.7 GHz)
OC-48
GigE
OC-12
OC-3
tCr-D
Figure 3
TBD
TBD
TBD
TBD
TBD
250
255
500
890
4100
TBD
TBD
TBD
TBD
TBD
ps
Clock to Data Delay
FEC (2.7 GHz)
OC-48
tCf-D
Figure 3
TBD
TBD
TBD
TBD
TBD
TBD
ps
Input Return Loss
100 kHz–2.5 GHz
2.5 GHz–4.0 GHz
TBD
TBD
dB
dB
Slicing Level Offset*
(relative to the internally set input
common mode voltage)
VSLICE
SLICE_LVL = 750 mV to
2.25 V
–15
15
mV
Slicing Level Accuracy
SLICE_LVL = 750 mV to
2.25 V
–500
500
µV
*Note: Adjustment voltage (relative to the internally set input common mode voltage) is calculated as follows:
VSLICE =
(SLICE_LVL – 1.50 V)/50.


Número de pieza similar - SI5023-BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si5023-BM SILABS-Si5023-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Descripción similar - SI5023-BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com