Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7447RX867NB Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC7447RX867NB
Descripción Electrónicos  PPC7457RX1000NB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7447RX867NB Datasheet(HTML) 2 Page - Motorola, Inc

  MC7447RX867NB Datasheet HTML 1Page - Motorola, Inc MC7447RX867NB Datasheet HTML 2Page - Motorola, Inc MC7447RX867NB Datasheet HTML 3Page - Motorola, Inc MC7447RX867NB Datasheet HTML 4Page - Motorola, Inc MC7447RX867NB Datasheet HTML 5Page - Motorola, Inc MC7447RX867NB Datasheet HTML 6Page - Motorola, Inc MC7447RX867NB Datasheet HTML 7Page - Motorola, Inc MC7447RX867NB Datasheet HTML 8Page - Motorola, Inc MC7447RX867NB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MPC7457 Part Number Specification for the MPC74x7RXnnnnNx Series
MOTOROLA
Part numbers addressed in this document are listed in Table A.
Table A. Part Numbers Addressed by this Data Sheet
Motorola
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD
Tj
(°C)
PPC7457RX1000NB
1000
1.1 V ± 50 mV
0 to 105
Modified core frequency and voltage to reduce
power consumption, modified processor bus AC
timing.
PPC7447RX1000NB
MC7447RX1000NB
PPC7457RX867NB
867
PPC7447RX867NB
MC7447RX867NB
PPC7457RX733NB
733
MC7447RX733NB
PPC7457RX600NB
600
MC7447RX600NB
Note: The P prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by Motorola SOP
3-13. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may
be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the
qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC7447RX867NB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC7447RX867NB NXP-MC7447RX867NB Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com