Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRS-4021-0013 Datasheet(PDF) 2 Page - CW Industries

No. de pieza GRS-4021-0013
Descripción Electrónicos  4000 Series Maintained Action Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CWIND [CW Industries]
Página de inicio  http://www.cwind.com
Logo CWIND - CW Industries

GRS-4021-0013 Datasheet(HTML) 2 Page - CW Industries

  GRS-4021-0013 Datasheet HTML 1Page - CW Industries GRS-4021-0013 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 All ratings are on a load per pole, opposite polarity basis. Additional ratings may be available, contact us for more information.
Switches marked µ are acceptable for use as power switches provided there is a plug disconnect or a switch with open contact gaps of 3 mm
minimum.
2 Due to ongoing advancements, additional agency certifications may be available, contact us for more information.
Compliance
.
Rocker Knob
Nylon 94V-2
Housing
Nylon 94V-2
Terminal & Moving Contact
Copper Alloy or
Copper Alloy Silver Plated
Endurance:
100,000 cycles, no load, minimum
25,000 cycles at rated load minimum up to 16 A @ 125 VAC
10,000 cycles at rated load minimum 16 A @ 250 VAC
Contact Resistance:
Less than 0.01 Ω at 10 mA (Initial)
Operating Temperature:
From -20ºC to 105ºC maximum.
Consult factory for higher or lower temperature ranges.
High Voltage Dielectric Withstanding Voltage:
2,500 V, 60 Hz for 1 minute between mounting surface and circuit connections
Humidity:
Insulation resistance > 103 MΩ after 100 hours at 95% R.H. and 50ºC followed by 1 hour dry at ambient room conditions
Operating Standards described herein are general specifications that vary depending on the switch construction specified and end application.
Contact us for specifications for specific models. Specifications subject to change without notice.
Materials
Operating Standards
3/7/2019 | Page 2 of 2


Número de pieza similar - GRS-4021-0013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CW Industries
GRS-4021-0011 CWIND-GRS-4021-0011 Datasheet
189Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
More results

Descripción similar - GRS-4021-0013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CW Industries
GRS-4011-0111 CWIND-GRS-4011-0111_19 Datasheet
161Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0005 CWIND-GRS-4011-0005 Datasheet
171Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0011 CWIND-GRS-4011-0011 Datasheet
176Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0015 CWIND-GRS-4011-0015 Datasheet
174Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0028 CWIND-GRS-4011-0028 Datasheet
179Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0036 CWIND-GRS-4011-0036_19 Datasheet
173Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0041 CWIND-GRS-4011-0041 Datasheet
177Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0047 CWIND-GRS-4011-0047 Datasheet
173Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0069 CWIND-GRS-4011-0069_19 Datasheet
186Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4012-0000 CWIND-GRS-4012-0000_19 Datasheet
189Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-1600 CWIND-GRS-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com