Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRS-4021-0021 Datasheet(PDF) 1 Page - CW Industries

No. de pieza GRS-4021-0021
Descripción Electrónicos  4000 Series Maintained Action Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CWIND [CW Industries]
Página de inicio  http://www.cwind.com
Logo CWIND - CW Industries

GRS-4021-0021 Datasheet(HTML) 1 Page - CW Industries

  GRS-4021-0021 Datasheet HTML 1Page - CW Industries GRS-4021-0021 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item # GRS-4021-0021, 4000 Series Maintained Action Miniature Rocker Switches
Check Distributor Stock · Specifications · Materials · Operating Standards
Check Distributor Stock
DIGI-KEY
Circuitry
DPST
Switch Function
ON-OFF
Electrical Ratings1
3 A @ 277 VAC
4 A @ 250 VAC
8 A @ 125 VAC
Temperature Rating
+65 Max. Degrees C
Panel Opening
0.508 x 0.756 in
12.90 x 19.20 mm
Acceptable Panel Thickness
0.050 - 0.150 in
1.27 - 3.81 mm
Mounting
Self locks without hardware when inserted into a 0.756" (19.20 mm) x 0.508" (12.90 mm) panel
cutout. Acceptable panel thickness range is from 0.050" (1.27 mm) to 0.150" (3.81 mm).
CAUTION: Burr direction must be away from the direction of insertion.
Mounting Polarization
None
Actuator Color
Black
Actuator Legend
I/O - Horizontal
Illumination
Non Illuminated
Housing Color
Black
Insulating Barriers
(X) Between Poles
( _ ) Between Terminals
( _ ) No Barriers
Terminal
(X) 0.187 x 0.032in.
4.75 x 0.81mm. Quick Connect
(_) 0.187 x 0.020in.
4.75 x 0.51mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Solder Terminal
Contact Action
Sliding with Self Cleaning Contacts
Listing Agency
(Consult drawing or factory for specific
rating)2
Listed Agencies
Check Distributor Stock
Specifications
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/7/2019 | Page 1 of 2


Número de pieza similar - GRS-4021-0021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CW Industries
GRS-4021-0022 CWIND-GRS-4021-0022 Datasheet
203Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4021-0025 CWIND-GRS-4021-0025 Datasheet
204Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4021-0026 CWIND-GRS-4021-0026 Datasheet
197Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4021-0027 CWIND-GRS-4021-0027 Datasheet
194Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
More results

Descripción similar - GRS-4021-0021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CW Industries
GRS-4011-0111 CWIND-GRS-4011-0111_19 Datasheet
161Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0005 CWIND-GRS-4011-0005 Datasheet
171Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0011 CWIND-GRS-4011-0011 Datasheet
176Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0015 CWIND-GRS-4011-0015 Datasheet
174Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0028 CWIND-GRS-4011-0028 Datasheet
179Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0036 CWIND-GRS-4011-0036_19 Datasheet
173Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0041 CWIND-GRS-4011-0041 Datasheet
177Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0047 CWIND-GRS-4011-0047 Datasheet
173Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0069 CWIND-GRS-4011-0069_19 Datasheet
186Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4012-0000 CWIND-GRS-4012-0000_19 Datasheet
189Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-1600 CWIND-GRS-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Maintained Action Miniature Rocker Switches
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com