Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25C09Y-1.8TE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de pieza CAT25C09Y-1.8TE13
Descripción Electrónicos  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C09Y-1.8TE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT25C09Y-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current
5
mA
VCC = 5V @ 5MHz
(Operating Write)
SO=open; CS=Vss
ICC2
Power Supply Current
3
mA
VCC = 5.5V
(Operating Read)
FCLK = 5MHz
ISB(6)
Power Supply Current
1
µA
CS = VCC
(Standby)
VIN = VSS or VCC
ILI
Input Leakage Current
2
µA
ILO
Output Leakage Current
3
µAVOUT = 0V to VCC,
CS = 0V
VIL(5)
Input Low Voltage
-1
VCC x 0.3
V
VIH(5)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
0.4
V
VOH1
Output High Voltage
VCC - 0.8
V
VOL2
Output Low Voltage
0.2
V
1.8V
≤VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
V
IOL = 150
µA
IOH = -100
µA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS(1) .................. –2.0V to +VCC +2.0V
VCC with Respect to VSS ................................ –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) VILMIN and VIHMAX are reference values only and are not tested.
(6) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range.
2.7V
≤VCC<5.5V
IOL = 3.0mA
IOH = -1.6mA


Número de pieza similar - CAT25C09Y-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C09YATE13 CATALYST-CAT25C09YATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09YETE13 CATALYST-CAT25C09YETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09YITE13 CATALYST-CAT25C09YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Descripción similar - CAT25C09Y-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com