Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2046ADR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS2046ADR
Descripción Electrónicos  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2046ADR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2046ADR Datasheet HTML 1Page - Texas Instruments TPS2046ADR Datasheet HTML 2Page - Texas Instruments TPS2046ADR Datasheet HTML 3Page - Texas Instruments TPS2046ADR Datasheet HTML 4Page - Texas Instruments TPS2046ADR Datasheet HTML 5Page - Texas Instruments TPS2046ADR Datasheet HTML 6Page - Texas Instruments TPS2046ADR Datasheet HTML 7Page - Texas Instruments TPS2046ADR Datasheet HTML 8Page - Texas Instruments TPS2046ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 80-mΩ High-Side MOSFET Switch
D 250 mA Continuous Current Per Channel
D Independent Thermal and Short-Circuit
Protection With Overcurrent Logic Output
D Operating Range . . . 2.7 V to 5.5 V
D CMOS- and TTL-Compatible Enable Inputs
D 2.5-ms Typical Rise Time
D Undervoltage Lockout
D 10 µA Maximum Standby Supply Current
for Single and Dual (20
µA for Triple and
Quad)
D Bidirectional Switch
D Ambient Temperature Range, 0°C to 85°C
D ESD Protection
The
TPS2045A
through
TPS2048A
and
TPS2055A through TPS2058A power-distribution
switches are intended for applications where
heavy capacitive loads and short circuits are likely
to be encountered. These devices incorporate 80-m
Ω N-channel MOSFET high-side power switches for
power-distribution systems that require multiple power switches in a single package. Each switch is controlled
by an independent logic enable input. Gate drive is provided by an internal charge pump designed to control
the power-switch rise times and fall times to minimize current surges during switching. The charge pump
requires no external components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, these devices limit the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from
a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present. These power-distribution switches are designed to current limit
at 0.5 A.
TPS201xA
TPS202x
TPS203x
33 m
Ω, single
0.2 A – 2 A
0.2 A – 2 A
0.2 A – 2 A
TPS2014
TPS2015
TPS2041
TPS2051
TPS2045
TPS2055
80 m
Ω, single
600 mA
1 A
500 mA
500 mA
250 mA
250 mA
GENERAL SWITCH CATALOG
TPS2042
TPS2052
TPS2046
TPS2056
80 m
Ω, dual
500 mA
500 mA
250 mA
250 mA
TPS2100/1
260 m
IN1
500 mA
IN2
10 mA
OUT
IN1
IN2
TPS2102/3/4/5
IN1
500 mA
IN2
100 mA
1.3
TPS2043
TPS2053
TPS2047
TPS2057
80 m
Ω, triple
500 mA
500 mA
250 mA
250 mA
TPS2044
TPS2054
TPS2048
TPS2058
80 m
Ω, quad
500 mA
500 mA
250 mA
250 mA
80 m
Ω, dual
TPS2080
TPS2081
TPS2082
TPS2090
500 mA
500 mA
500 mA
250 mA
TPS2091
TPS2092
250 mA
250 mA
80 m
Ω, quad
TPS2085
TPS2086
TPS2087
TPS2095
500 mA
500 mA
500 mA
250 mA
TPS2096
TPS2097
250 mA
250 mA
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
GND
IN
IN
EN
OUT
OUT
OUT
OC
TPS2045A, TPS2055A
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
TPS2046A, TPS2056A
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GNDA
IN1
EN1
EN2
GNDB
IN2
EN3
EN4
OC1
OUT1
OUT2
OC2
OC3
OUT3
OUT4
OC4
TPS2048A, TPS2058A
D PACKAGE
(TOP VIEW)
† All enable inputs are active high for the TPS205xA series.
NC – No connect
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GNDA
IN1
EN1
EN2
GNDB
IN2
EN3
NC
OC1
OUT1
OUT2
OC2
OC3
OUT3
NC
NC
TPS2047A, TPS2057A
D PACKAGE
(TOP VIEW)


Número de pieza similar - TPS2046ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2046AD TI1-TPS2046AD Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2046ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com