Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1072 Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza TC1072
Descripción Electrónicos  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1072 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1072 Datasheet HTML 6Page - Microchip Technology TC1072 Datasheet HTML 7Page - Microchip Technology TC1072 Datasheet HTML 8Page - Microchip Technology TC1072 Datasheet HTML 9Page - Microchip Technology TC1072 Datasheet HTML 10Page - Microchip Technology TC1072 Datasheet HTML 11Page - Microchip Technology TC1072 Datasheet HTML 12Page - Microchip Technology TC1072 Datasheet HTML 13Page - Microchip Technology TC1072 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC1072/TC1073
DS21354B-page 10
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
(Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C)
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
5.025
-40
-20
-10
0
20
40
85
125
ILOAD = 10mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 5V)
0
10
20
30
40
50
60
70
-40
-20
-10
0
20
40
85
125
ILOAD = 10mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Temperature
vs. Quiescent Current (VOUT = 5V)
4.974
4.976
4.978
4.980
4.982
4.984
4.986
4.988
4.990
4.992
4.994
-40
-20
-10
0
20
40
85
125
ILOAD = 150mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 5V)
Temperature vs. Quiescent Current (VOUT = 5V)
0
10
20
30
40
50
60
70
80
-40
-20
-10
0
20
40
85
125
ILOAD = 150mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
10.0
1.0
0.1
0.0
0.01K 0.1K
1K
10K
100K
1000K
FREQUENCY (Hz)
Output Noise vs. Frequency
RLOAD = 50Ω
COUT = 1µF
CIN = 1µF
CBYP = 0
1000
100
10
1
0.1
0.01
0
10 20 30 40 50 60 70 80 90 100
LOAD CURRENT (mA)
Stability Region vs. Load Current
COUT = 1µF
to 10
µF
Stable Region
Stable Region
-30
-35
-40
-45
-50
-60
-55
-65
-70
-75
-80
0.01K 0.1K
1K
10K
100K 1000K
FREQUENCY (Hz)
Power Supply Rejection Ratio
IOUT = 10mA
VINDC = 4V
VINAC = 100mVp-p
VOUT = 3V
CIN = 0
COUT = 1µF


Número de pieza similar - TC1072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1072 MICROCHIP-TC1072 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1072-1.8VCH713 MICROCHIP-TC1072-1.8VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1072-2.5VCH TELCOM-TC1072-2.5VCH Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1072-2.5VCH713 MICROCHIP-TC1072-2.5VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Descripción similar - TC1072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com