Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2048ADG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS2048ADG4
Descripción Electrónicos  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2048ADG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2048ADG4 Datasheet HTML 7Page - Texas Instruments TPS2048ADG4 Datasheet HTML 8Page - Texas Instruments TPS2048ADG4 Datasheet HTML 9Page - Texas Instruments TPS2048ADG4 Datasheet HTML 10Page - Texas Instruments TPS2048ADG4 Datasheet HTML 11Page - Texas Instruments TPS2048ADG4 Datasheet HTML 12Page - Texas Instruments TPS2048ADG4 Datasheet HTML 13Page - Texas Instruments TPS2048ADG4 Datasheet HTML 14Page - Texas Instruments TPS2048ADG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(EN) = 0 V, VI(EN) = VI(IN) (unless otherwise noted) (continued)
supply current (TPS2045A, TPS2055A)
PARAMETER
TEST CONDITIONS
TPS2045A
TPS2055A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TJ = 25°C
0.025
1
Supply current, low-level
No Load
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
y,
output
on OUT
VI(EN) =0V
TJ = 25°C
0.025
1
µA
VI(EN) = 0 V
–40
°C ≤ TJ ≤ 125°C
10
V
0V
TJ = 25°C
85
110
Supply current,
No Load
VI(EN) = 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
y,
high-level output
on OUT
VI(EN) =VI(IN)
TJ = 25°C
85
110
µA
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
100
Leakage current
OUT
connected
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
100
µA
Leakage current
connected
to ground
VI(EN)= 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
Reverse leakage current
IN = High
VI(EN) = 0 V
TJ =25°C
0.3
µA
Reverse leakage current
g
impedance
VI(EN) = VI(IN)
TJ = 25°C
0.3
µA
supply current (TPS2046A, TPS2056A)
PARAMETER
TEST CONDITIONS
TPS2046A
TPS2056A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TJ = 25°C
0.025
1
Supply current, low-level
No Load
VI(ENx) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
y,
output
on OUT
VI(EN ) =0V
TJ = 25°C
0.025
1
µA
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
10
V
0V
TJ = 25°C
85
110
Supply current,
No Load
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
y,
high-level output
on OUT
VI(EN ) =VI(IN)
TJ = 25°C
85
110
µA
VI(ENx) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
100
Leakage current
OUT
connected
VI(ENx) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
100
µA
Leakage current
connected
to ground
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
Reverse leakage current
IN = high
VI(EN) = 0 V
TJ =25°C
0.3
µA
Reverse leakage current
g
impedance
VI(EN) = VI(IN)
TJ = 25°C
0.3
µA


Número de pieza similar - TPS2048ADG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2048AD TI1-TPS2048AD Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2048ADR TI1-TPS2048ADR Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2048ADRG4 TI1-TPS2048ADRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2048ADG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com