Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1073-33VCH Datasheet(PDF) 8 Page - Microchip Technology |
|
TC1073-33VCH Datasheet(HTML) 8 Page - Microchip Technology |
8 / 20 page TC1072/TC1073 DS21354B-page 8 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS (Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C) Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0.000 0.002 0.004 0.006 0.008 0.010 0.012 0.014 0.016 0.018 0.020 -40 -20 0 20 50 70 125 ILOAD = 10mA CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Dropout Voltage vs. Temperature (VOUT = 3.3V) 0.000 0.020 0.040 0.060 0.080 0.100 0.120 0.140 0.160 0.180 0.200 -40 -20 0 20 50 70 125 ILOAD = 100mA CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Dropout Voltage vs. Temperature (VOUT = 3.3V) 0 10 20 30 40 50 60 70 80 90 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 ILOAD = 10mA CIN = 1µF COUT = 1µF Ground Current vs. VIN (VOUT = 3.3V) VIN (V) 0.000 0.010 0.020 0.030 0.040 0.050 0.060 0.070 0.080 0.090 0.100 -40 -20 0 20 50 70 125 ILOAD = 50mA CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Dropout Voltage vs. Temperature (VOUT = 3.3V) 0.000 0.050 0.100 0.150 0.200 0.250 0.300 -40 -20 0 20 50 70 125 ILOAD = 150mA CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Dropout Voltage vs. Temperature (VOUT = 3.3V) 0 10 20 30 40 50 60 70 80 90 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 ILOAD = 100mA CIN = 1µF COUT = 1µF Ground Current vs. VIN (VOUT = 3.3V) VIN (V) |
Número de pieza similar - TC1073-33VCH |
|
Descripción similar - TC1073-33VCH |