Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC164245ZQLR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza 74ALVC164245ZQLR
Descripción Electrónicos  16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ALVC164245ZQLR Datasheet(HTML) 5 Page - Texas Instruments

  74ALVC164245ZQLR Datasheet HTML 1Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74ALVC164245
16BIT 2.5V TO 3.3V/3.3V TO 5V LEVELSHIFTING TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS416L − MARCH 1994 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range
for
VCCA = 2.3 V to 2.7 V and VCCB = 3 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
MAX
UNIT
IOH = −100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCA−0.2
VOH (B to A)
IOH = −8 mA
2.3 V
3 V to 3.6 V
1.7
V
VOH (B to A)
IOH = −12 mA
2.7 V
3 V to 3.6 V
1.8
V
VOH (A to B)
IOH = −100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCB−0.2
V
VOH (A to B)
IOH = −18 mA
2.3 V to 2.7 V
3 V
2.2
V
VOL (B to A)
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
V
VOL (B to A)
IOL = 12 mA
2.3 V
3 V to 3.6 V
0.6
V
VOL (A to B)
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
V
VOL (A to B)
IOL = 18 mA
2.3 V
3 V
0.55
V
II
Control inputs
VI = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±5
µA
IOZ†
A or B ports
VO = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
2.3 V to 2.7 V
3 V to 3.6 V
20
µA
∆ICC‡
One input at VCCA/VCCB − 0.6 V,
Other inputs at VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
750
µA
† For I/O ports, the parameter IOZ includes the input leakage current.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated VCC.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1-4)
FROM
TO
VCCB = 3.3 V
± 0.3 V
VCCB = 5 V ± 0.5 V
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCA = 2.5 V
± 0.2 V
VCCA = 2.7 V
VCCA = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
B
7.6
5.9
1
5.8
ns
tpd
B
A
7.6
6.7
1.2
5.8
ns
ten
OE
B
11.5
9.3
1
8.9
ns
tdis
OE
B
10.5
9.2
2.1
9.5
ns
ten
OE
A
12.3
10.2
2
9.1
ns
tdis
OE
A
9.3
9
2.9
8.6
ns
operating characteristics, TA = 25°C
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
TEST CONDITIONS
VCCA = 2.5 V
VCCA = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
Outputs enabled (B)
CL = 50 pF,
f = 10 MHz
55
56
Cpd
Power dissipation
capacitance
Outputs disabled (B)
CL = 50 pF,
f = 10 MHz
27
6
pF
Cpd
Power dissipation
capacitance
Outputs enabled (A)
CL = 50 pF,
f = 10 MHz
118
56
pF
Outputs disabled (A)
CL = 50 pF,
f = 10 MHz
58
6


Número de pieza similar - 74ALVC164245ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ALVC164245ZQLR TI-74ALVC164245ZQLR Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245ZQLR TI-74ALVC164245ZQLR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245ZQLR TI1-74ALVC164245ZQLR Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ALVC164245ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
   Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
logo
STMicroelectronics
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com