Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-315-300 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-315-300
Descripción Electrónicos  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315-300 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-315-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-315-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
(VCC - VEE)
15
30
Volts
Input Current (ON)
IF(ON)
716
mA
Input Voltage (OFF)
VF(OFF)
-3.0
0.8
V
Operating Temperature
TA
-40
100
°C
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(AVG)
25
mA
1, 16
Peak Transient Input Current
IF(TRAN)
1.0
A
(<1
µs pulse width, 300 pps)
Reverse Input Voltage
VR
5
Volts
“High” Peak Output Current
IOH(PEAK)
0.6
A
2, 16
“Low” Peak Output Current
IOL(PEAK)
0.6
A
2, 16
Supply Voltage
(VCC - VEE)
0
35
Volts
Output Voltage
VO(PEAK)
0VCC
Volts
Output Power Dissipation
PO
250
mW
3, 16
Total Power Dissipation
PT
295
mW
4, 16
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings Section
Insulation and Safety Related Specifications
Parameter
Symbol
HCPL-3150
HCPL-315J
Units
Conditions
Minimum External
L(101)
7.1
8.3
mm
Measured from input terminals
Air Gap
to output terminals, shortest
(External Clearance)
distance through air.
Minimum External
L(102)
7.4
8.3
mm
Measured from input terminals
Tracking
to output erminals, shortest
(External Creepage)
distance path along body.
Minimum Internal
0.08
≥ 0.5
mm
Through insulation distance
Plastic Gap
conductor to conductor.
(Internal Clearance)
Tracking Resistance
CTI
≥ 175
≥ 175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110,
1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance wtih CECC 00802.


Número de pieza similar - HCPL-315-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Descripción similar - HCPL-315-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com