Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1DU064NCCC-0QC00 Datasheet(PDF) 6 Page - Samsung semiconductor |
|
MC1DU064NCCC-0QC00 Datasheet(HTML) 6 Page - Samsung semiconductor |
6 / 66 page MultiMediaCard TM 6 Table 1-2 Ordering Information M(1) C(2) X(3) X(4) X(5) X(6) X(7) X(8) X(9) X(10) X(11) X(12) –(13) X(14) X(15) X(16) X(17) X(18) (1) Module : M (2) Card : C (3) ~(4) : Flash Density 28 : 128Mb 56 : 256Mb 12 : 512Mb 1G : 1Gb 1D : 1Gb DDP 2D : 2Gb DDP (5) Feature U : MultimediaCard (6) ~ (8) Card Density 016 : 16MB 032 : 32MB 064 : 64MB 128 : 128MB 256 : 256MB 512 : 512MB (9) Card Type N : Standard MultiMediaCard H : Reduced-Size MultiMediaCard (10) Flash Generation M : 1 st Generation A : 2 nd Generation B : 3 rd Generation C : 4 th Generation D : 5 th Generation (11) Flash Package C : CHIP Y : TSOP 1 V : WSOP F : WSOP(Lead Free) (12) PCB Revision A : None B : 1 st Rev. C : 2 nd Rev. (13) “ –“ (14) Packing Type 0 : Bulk Type I 1 : Bulk Type II (By White Case) 2 : Bulk Type I (No Label) 3 : Bulk Type II (No Label) 4 : Bulk Type I (Only Back Label) 5 : Bulk Type II (Only Back Label) (15) Controller Q : S3F49DAX (16) Controller Firmware Revision A : None B : 1 st Rev. C : 2 nd Rev. D : 3 rd Rev. E : 4 th Rev. (17) ~ (18) Customer Grade “Customer List Reference” The performance of the communication channel is described in the table below MultiMediaCard Mode SPI Mode Three-wire serial data bus (clock, command, data) Three-wire serial data bus (clock, dataIn, dataOut) + card specific CS signal Up to 64k cards addressable by the bus protocol Card selection via a hardware CS signal Up to 30 cards stackable on a single physical bus Card stacks require a “per card” CS signal Easy identification and assignment of session address to individual cards in a card stack Not available. Card selection via a hardware CS signal Error-protected data transfer Optional. A non protected data transfer mode is available single/multiple block read/write command Single/multiple block read/write commands |
Número de pieza similar - MC1DU064NCCC-0QC00 |
|
Descripción similar - MC1DU064NCCC-0QC00 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |