Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3295-ZJ Datasheet(PDF) 4 Page - NEC

No. de pieza 2SK3295-ZJ
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3295-ZJ Datasheet(HTML) 4 Page - NEC

  2SK3295-ZJ Datasheet HTML 1Page - NEC 2SK3295-ZJ Datasheet HTML 2Page - NEC 2SK3295-ZJ Datasheet HTML 3Page - NEC 2SK3295-ZJ Datasheet HTML 4Page - NEC 2SK3295-ZJ Datasheet HTML 5Page - NEC 2SK3295-ZJ Datasheet HTML 6Page - NEC 2SK3295-ZJ Datasheet HTML 7Page - NEC 2SK3295-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14064EJ2V0DS
4
2SK3295
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
−50
20
10
0
50
100
150
40
30
7.0 V
10 V
ID = 18 A
Pulsed
VGS = 4.5 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
2.0
1.6
VSD - Source to Drain Voltage - V
1.2
0.8
0.4
Pulsed
0.1
0.01
1
10
100
1000
0 V
4.5 V
VGS = 10 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.1
10
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
10000
1000
10
100
VDD = 10 V
VGS = 10 V
RG = 10
tf
tr
td(on)
td(off)
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
ISD - Diode Forward Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
0
10
15
520
10
5
15
20
4
2
0
8
6
VDS
16
14
12
10
VGS
ID = 35 A
VDD = 16 V
10 V
4 V


Número de pieza similar - 2SK3295-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3295-ZJ RENESAS-2SK3295-ZJ Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Descripción similar - 2SK3295-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com