Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3458-ZK Datasheet(PDF) 3 Page - NEC

No. de pieza 2SK3458-ZK
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3458-ZK Datasheet(HTML) 3 Page - NEC

  2SK3458-ZK Datasheet HTML 1Page - NEC 2SK3458-ZK Datasheet HTML 2Page - NEC 2SK3458-ZK Datasheet HTML 3Page - NEC 2SK3458-ZK Datasheet HTML 4Page - NEC 2SK3458-ZK Datasheet HTML 5Page - NEC 2SK3458-ZK Datasheet HTML 6Page - NEC 2SK3458-ZK Datasheet HTML 7Page - NEC 2SK3458-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14755EJ1V0DS
3
2SK3458
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
TC - Case Temperature -
°C
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
100
1000
TC = 25˚C
Single Pulse
110
R
DS(on)
Limited
ID(DC)
ID(pulse)
PW
=
10
µ
s
100
µ
s
1 ms
10
ms
DC
Power Dissipation Limited
30 ms
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
100
1000
0.1
0.01
1
10
100 m
1
10
100
1000
10
µµ
100
1 m
10 m
Rth(ch-C) = 1.25˚C/W
Rth(ch-A) = 83.3˚C/W
Single Pulse
PW - Pulse Width - s


Número de pieza similar - 2SK3458-ZK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3458-ZK RENESAS-2SK3458-ZK Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Descripción similar - 2SK3458-ZK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com