Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3480 Datasheet(PDF) 2 Page - NEC

No. de pieza 2SK3480
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3480 Datasheet(HTML) 2 Page - NEC

  2SK3480 Datasheet HTML 1Page - NEC 2SK3480 Datasheet HTML 2Page - NEC 2SK3480 Datasheet HTML 3Page - NEC 2SK3480 Datasheet HTML 4Page - NEC 2SK3480 Datasheet HTML 5Page - NEC 2SK3480 Datasheet HTML 6Page - NEC 2SK3480 Datasheet HTML 7Page - NEC 2SK3480 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D15078EJ1V0DS
2
2SK3480
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 25 A17
34
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 25 A25
31
m
RDS(on)2
VGS = 4.5 V, ID = 25 A27
36
m
Input Capacitance
Ciss
VDS = 10 V
3600
pF
Output Capacitance
Coss
VGS = 0 V
360
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
190
pF
Turn-on Delay Time
td(on)
VDD = 50 V, ID = 25 A15
ns
Rise Time
tr
VGS = 10 V11
ns
Turn-off Delay Time
td(off)
RG = 0
68
ns
Fall Time
tf
6.0
ns
Total Gate Charge
QG
VDD = 80 V74
nC
Gate to Source Charge
QGS
VGS = 10 V10
nC
Gate to Drain Charge
QGD
ID = 50 A20
nC
Body Diode Forward Voltage
VF(S-D)
IF = 50 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
IF = 50 A, VGS = 0 V70
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
180
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
→ 0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Número de pieza similar - 2SK3480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3480 KEXIN-2SK3480 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3480 VBSEMI-2SK3480 Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3480 DOINGTER-2SK3480 Datasheet
948Kb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3480 ISC-2SK3480 Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3480 RENESAS-2SK3480 Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - 2SK3480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com