Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3479-ZJ Datasheet(PDF) 6 Page - NEC

No. de pieza 2SK3479-ZJ
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3479-ZJ Datasheet(HTML) 6 Page - NEC

  2SK3479-ZJ Datasheet HTML 1Page - NEC 2SK3479-ZJ Datasheet HTML 2Page - NEC 2SK3479-ZJ Datasheet HTML 3Page - NEC 2SK3479-ZJ Datasheet HTML 4Page - NEC 2SK3479-ZJ Datasheet HTML 5Page - NEC 2SK3479-ZJ Datasheet HTML 6Page - NEC 2SK3479-ZJ Datasheet HTML 7Page - NEC 2SK3479-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D15077EJ1V0DS
6
2SK3479
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
10
100
1000
1 m10 m
VDD = 50 V
RG = 25
VGS = 20
→ 0 V
IAS = 65 A
10
µ
100
µ
1
E
AS = 422
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
25
50
75
100
160
140
120
100
80
60
40
20
0
125
150
VDD = 50 V
RG = 25
VGS = 20
→ 0 V
IAS
≤ 65 A


Número de pieza similar - 2SK3479-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3479-ZJ ISC-2SK3479-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3479-ZJ RENESAS-2SK3479-ZJ Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - 2SK3479-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com