Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3483 Datasheet(PDF) 4 Page - NEC

No. de pieza 2SK3483
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3483 Datasheet(HTML) 4 Page - NEC

  2SK3483 Datasheet HTML 1Page - NEC 2SK3483 Datasheet HTML 2Page - NEC 2SK3483 Datasheet HTML 3Page - NEC 2SK3483 Datasheet HTML 4Page - NEC 2SK3483 Datasheet HTML 5Page - NEC 2SK3483 Datasheet HTML 6Page - NEC 2SK3483 Datasheet HTML 7Page - NEC 2SK3483 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
D15068EJ2V0DS
4
2SK3483
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
Pulsed
VGS = 10 V
4.5 V
0.001
0.01
0.1
1
10
100
0
1
2
345
V DS = 10 V
Pulsed
TA = 150
°C
75°C
25°C
-40°C
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25
0
25
50
75 100 125 150 175
VSD = 10 V
ID = 1 mA
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS = 10 V
Pulsed
TA = -40
°C
25
°C
75
°C
150
°C
Tch - Channel Temperature -
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
10 V
Pulsed
VGS = 4.5 V
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10 1214 1618 20
Pulsed
ID = 28 A
14A
5.6 A
ID - Drain Current - A
VGS - Gate to Source Voltage - V


Número de pieza similar - 2SK3483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3483 KEXIN-2SK3483 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3483 RENESAS-2SK3483 Datasheet
253Kb / 10P
   Old Company Name in Catalogs and Other Documents
logo
Inchange Semiconductor ...
2SK3483 ISC-2SK3483 Datasheet
399Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3483-Z ISC-2SK3483-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK3483-Z-E1-AZ VBSEMI-2SK3483-Z-E1-AZ Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

Descripción similar - 2SK3483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com