Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3507-ZK Datasheet(PDF) 2 Page - NEC

No. de pieza 2SK3507-ZK
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3507-ZK Datasheet(HTML) 2 Page - NEC

  2SK3507-ZK Datasheet HTML 1Page - NEC 2SK3507-ZK Datasheet HTML 2Page - NEC 2SK3507-ZK Datasheet HTML 3Page - NEC 2SK3507-ZK Datasheet HTML 4Page - NEC 2SK3507-ZK Datasheet HTML 5Page - NEC 2SK3507-ZK Datasheet HTML 6Page - NEC 2SK3507-ZK Datasheet HTML 7Page - NEC 2SK3507-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D15387EJ1V0DS
2
2SK3507
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±16 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 4.0 V, ID = 11 A
6
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 10 V, ID = 11 A
28
45
m
RDS(on)2
VGS = 4.5 V, ID = 11 A
46
76
m
Input Capacitance
Ciss
VDS = 10 V
360
pF
Output Capacitance
Coss
VGS = 0 V
125
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
65
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 11 A
6.6
ns
Rise Time
tr
VGS = 10 V
3.6
ns
Turn-off Delay Time
td(off)
RG = 10
16
ns
Fall Time
tf
5.3
ns
Total Gate Charge
QG
VDD = 24 V
8.5
nC
Gate to Source Charge
QGS
VGS = 10 V
2
nC
Gate to Drain Charge
QGD
ID = 22 A
2.1
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 22 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 22 A, VGS = 0 V
31
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
26
nC
Note Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
µ


Número de pieza similar - 2SK3507-ZK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3507-ZK RENESAS-2SK3507-ZK Datasheet
306Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - 2SK3507-ZK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com