Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3571-S Datasheet(PDF) 5 Page - NEC

No. de pieza 2SK3571-S
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3571-S Datasheet(HTML) 5 Page - NEC

  2SK3571-S Datasheet HTML 1Page - NEC 2SK3571-S Datasheet HTML 2Page - NEC 2SK3571-S Datasheet HTML 3Page - NEC 2SK3571-S Datasheet HTML 4Page - NEC 2SK3571-S Datasheet HTML 5Page - NEC 2SK3571-S Datasheet HTML 6Page - NEC 2SK3571-S Datasheet HTML 7Page - NEC 2SK3571-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D16257EJ2V0DS
5
2SK3571
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
20
-50
0
50
100
150
ID = 24 A
Pulsed
VGS = 4.5 V
10 V
Tch - Channel Temperature - °C
10
100
1000
10000
0.01
0.1
1
10
100
V GS = 0 V
f = 1 M H z
C iss
C oss
C rss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
10 0
10 00
0.1
1
10
10 0
td(on)
td(off)
tf
tr
V DD = 10 V
V GS = 10 V
R G = 10
ID - Drain Current - A
0
4
8
12
16
20
0
5
10
15
20
25
0
2
4
6
8
10
ID = 48 A
VDS
VGS
VDD = 16 V
10 V
QG - Gate Change - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.01
0.1
1
10
100
1000
0
0.4
0.8
1.2
1.6
VGS = 10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
0.1
1
10
100
di/dt = 100 A/
µs
VGS = 0 V
ID - Drain Current - A


Número de pieza similar - 2SK3571-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3571-S ISC-2SK3571-S Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3571-S RENESAS-2SK3571-S Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
More results

Descripción similar - 2SK3571-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com