Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3572-Z Datasheet(PDF) 1 Page - NEC

No. de pieza 2SK3572-Z
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3572-Z Datasheet(HTML) 1 Page - NEC

  2SK3572-Z Datasheet HTML 1Page - NEC 2SK3572-Z Datasheet HTML 2Page - NEC 2SK3572-Z Datasheet HTML 3Page - NEC 2SK3572-Z Datasheet HTML 4Page - NEC 2SK3572-Z Datasheet HTML 5Page - NEC 2SK3572-Z Datasheet HTML 6Page - NEC 2SK3572-Z Datasheet HTML 7Page - NEC 2SK3572-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3572
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D16258EJ2V0DS00 (2nd edition)
Date Published September 2002 NS CP(K)
Printed in Japan
©
2002
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The 2SK3572 is N-channel MOS FET device that features a
low on-state resistance and excellent switching characteristics,
designed for low voltage high current applications such as
DC/DC converter with synchronous rectifier.
FEATURES
• 4.5 V drive available
• Low on-state resistance
RDS(on)1 = 5.7 m
Ω MAX. (VGS = 10 V, ID = 40 A)
• Low gate charge
QG = 32 nC TYP. (VDD = 16 V, VGS = 10 V, ID = 80 A)
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±80
A
Drain Current (pulse)
Note
ID(pulse)
±300
A
Total Power Dissipation (TA = 25°C)
PT1
1.5
W
Total Power Dissipation (TC = 25°C)
PT2
52
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Note PW
≤ 10
µs, Duty Cycle ≤ 1%
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3572
TO-220AB
2SK3572-S
TO-262
2SK3572-ZK
TO-263
2SK3572-Z
TO-220SMD
Note
Note TO-220SMD package is produced only in Japan.
5
5
5
5


Número de pieza similar - 2SK3572-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3572-Z ISC-2SK3572-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3572-Z RENESAS-2SK3572-Z Datasheet
245Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
logo
Inchange Semiconductor ...
2SK3572-ZK ISC-2SK3572-ZK Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3572-ZK RENESAS-2SK3572-ZK Datasheet
245Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
More results

Descripción similar - 2SK3572-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com