Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC2012T470M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza CBC2012T470M
Descripción Electrónicos  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CBC2012T470M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CBC2012T470M Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 9Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 10Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 11Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 12Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 13Page - List of Unclassifed Manufacturers CBC2012T470M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
201
5
RELIABILITY DATA
3/8
Item
Specified Value
Test Methods and Remarks
12.Adhesion of terminal
electrode
Shall not come off PC board.
LBYLBCYCBYCBCYCBLYLBHYLEM2520
Applied force
:10N to X and Y directions
Duration
:5 sec.
Test substrate
:Printed board
LEMYLBYLBCYCBYCBCYCBL
According to JIS C5102 clause 8.2.
Vibration type
:A
Directions
:2 hrs each in X, Y and Z direc-
tions. Total
:6 hrs
Frequency range
:10 to 55 to 10 Hz f1min.g
Amplitude
:1.5mm
Mounting method
:Soldering onto printed board
f
* Excluding 5N6-R10 LE
Seriesg
Recovery
:At least 1 hr of recovery under
the standard condition after the
test, followed by the measure-
ment within 2 hrs.
13.Resistance to vibra-
tion
△L/L→
WithinM5L
No significant
abnormality in
appearance.
△L/L→WithinM10L
No significant abnormality in appearance.
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012
No significant
abnormality in
appearance.


Número de pieza similar - CBC2012T470M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T470M TAIYO-YUDEN-CBC2012T470M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CBC2012T470M TAIYO-YUDEN-CBC2012T470M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2012T470M TAIYO-YUDEN-CBC2012T470M Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBC2012T470M-K KEMET-CBC2012T470M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T470M8 TAIYO-YUDEN-CBC2012T470M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

Descripción similar - CBC2012T470M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com