Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H27UCG8T2BTR-BC Datasheet(PDF) 24 Page - Hynix Semiconductor

No. de pieza H27UCG8T2BTR-BC
Descripción Electrónicos  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27UCG8T2BTR-BC Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button H27UCG8T2BTR-BC Datasheet HTML 20Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 21Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 22Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 23Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 24Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 25Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 26Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 27Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
24
3. Timing Diagram
Bus Operation
There are six standard bus operations that control the device. These are Command Input, Address Input, Data
Input, Data Output, Write Protect, and Standby.
3.1. Command Latch Cycle Timings
3.2. Address Latch Cycle Timings
Figure 7 : Command latch timings
Note:
All command except Reset, Read Status, and Multi-plane Read Status is issued to command
register on the rising edge of WE#, when CLE is high, CE# and ALE is low, and device is not
busy state.
Figure 8 : Address latch timings


Número de pieza similar - H27UCG8T2BTR-BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
H27UCG8T2B HYNIX-H27UCG8T2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Descripción similar - H27UCG8T2BTR-BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
Hynix Semiconductor
H27UAG8T2B HYNIX-H27UAG8T2B Datasheet
1Mb / 61P
   16Gb (2048M x 8bit) NAND Flash
logo
Toshiba Semiconductor
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Toshiba Semiconductor
TC5832DC TOSHIBA-TC5832DC Datasheet
1Mb / 38P
   32 MBIT (4M x 8BIT) CMOS NAND E2PROM
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
logo
WAGO Kontakttechnik Gmb...
752-9400 WAGO-752-9400 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 4GB RAM; 64GB FLASH
752-9401 WAGO-752-9401 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 8GB RAM; 64GB FLASH
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com