Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RF96 Datasheet(PDF) 11 Page - HOPE Microelectronics CO., Ltd.

No. de pieza RF96
Descripción Electrónicos  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOPE [HOPE Microelectronics CO., Ltd.]
Página de inicio  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
Page 11
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
1.4. Pin Description
Number
Name
Type
Description
0
GROUND
-
Exposed ground pad.
1
RFI_LF
I
RF input for lower bands
2
VR_ANA
-
Regulated supply voltage for analogue circuitry
3
VBAT_ANA
-
Supply voltage for analogue circuitry
4
VR_DIG
-
Regulated supply voltage for digital blocks
5
XTA
I/O
XTAL connection or TCXO input
6
XTB
I/O
XTAL connection.
7
NRESET
I/O
Reset trigger input.
8
DIO0
I/O
Digital I/O, software configured.
9
DIO1/DCLK
I/O
Digital I/O, software configured.
10
DIO2/DATA
I/O
Digital I/O, software configured.
11
DIO3
I/O
Digital I/O, software configured.
12
DIO4
I/O
Digital I/O, software configured.
13
DIO5
I/O
Digital I/O, software configured.
14
VBAT_DIG
-
Supply voltage for digital blocks
15
GND
-
Ground
16
SCK
I
SPI Clock input
17
MISO
O
SPI Data output
18
MOSI
I
SPI Data input
19
NSS
I
SPI Chip select input
20
RXTX/RF_MOD
O
Rx/Tx switch control: high in Tx
21
RFI_HF
I
RF input for upper bands
22
RFO_HF
O
RF output for upper bands
23
GND
-
Ground
24
VBAT_RF
-
Supply voltage for RF blocks
25
VR_PA
-
Regulated supply for the PA
26
GND
-
Ground
27
PA_BOOST
O
Optional high-power PA output, lower or upper bands
28
RFO_LF
O
RF output for lower bands


Número de pieza similar - RF96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Descripción similar - RF96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com