Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CH341A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza CH341A
Descripción Electrónicos  CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CH341A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CH341A Datasheet HTML 1Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 2Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 3Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
The DataSheet of CH341 (the first)
5
26
INI#
OUT
Initialize printer, low-level active, connect to INIT
3
SIN#
Tri-state
Output
Select printer, low-level active, connect to SELECT-IN
5
ERR#
IN
Error with printer, low-level active, with pull-up resistor,
connect to ERROR or FAULT
8
SLCT
IN
Printer is selected, high-level active, with pull-up resistor,
connect to SELECT or SLCT
6
PEMP
IN
Printer is short of papers, high-level active, connect to
PEMPTY or PERROR
7
ACK#
IN
Printer data receive answer, active with rising edge, with
pull-up resistor, connect to ACK
27
BUSY
IN
Printer is busy, high-level active, with pull-up resistor, connect
to BUSY
4.5.Parallel mode pins
341A
Pin No.
Pin Name
Pin Type
Pin Description
22~15
D7~D0
Bi-directional
tri-state
8-bit bi-directional data bus, with pull-up resistor
EPP mode: indicate write operation, write with low-level,
read with high-level
25
WR#
OUT
MEM mode: write strobe output WR#, low-level active
EPP mode: data operation select, low-level active
4
DS#
OUT
MEM mode: read strobe output RD#, low-level active
26
RST#
OUT
Reset output, low-level active
EPP mode: address operation strobe, low-level active
3
AS#
Tri-state
Output
MEM mode: address wire output ADDR or A0
27
WAIT#
IN
CH341A: request to wait, low-level active, with pull-up
resistor
7
INT#
IN
Interrupt request input, active with rising edge, with
pull-up resistor
5
ERR#
IN
Self-define common input, with pull-up resistor
8
SLCT
IN
Self-define common input, with pull-up resistor
6
PEMP
IN
Self-define common input, with pull-up resistor
4.6.Synchronous serial interface pins
Pin No.
341A
341H
Pin Name
Pin Type
Pin Description
22
17
DIN
IN
4-wire serial data input, with pull-up resistor
21
16
DIN2
IN
5-wire serial data input 2,with pull-up resistor
20
15
DOUT
Tri-state
Output
4-wire serial data output, other name is MOSI or SDO
19
14
DOUT2
Tri-state
5-wire serial data output 2


Número de pieza similar - CH341A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing Qinheng Microel...
CH341A WCH-CH341A Datasheet
214Kb / 12P
   Bus switching chip
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
More results

Descripción similar - CH341A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
   USB to Combo Serial & Printer Port
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com