Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ALC888S-VD Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

No. de pieza ALC888S-VD
Descripción Electrónicos  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REALTEK [Realtek Semiconductor Corp.]
Página de inicio  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 5Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 6Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
1
Track ID: JATR-2265-11
Rev. 1.2
1. General Description
The ALC888S-VD provides ten DAC channels that simultaneously support 7.1 channel sound playback,
plus 2 channels of independent stereo sound output (multiple streaming) through the front panel stereo
outputs. Two stereo ADCs and one stereo digital microphone converter are integrated and can support a
microphone array with Acoustic Echo Cancellation (AEC), Beam Forming (BF), and Noise
Suppression (NS) technologies.
All analog I/O are input and output capable, and headphone amplifiers are also integrated at three analog
output ports (port-D/port-E/port-F). All analog I/Os can be re-tasked according to user definitions.
Support for 16/20/24-bit SPDIF input and output with up to 192kHz sample rate offers easy connection of
PCs to consumer electronic products such as digital decoders and speakers. The ALC888S-VD also
features secondary SPDIF-OUT output and converter to transport digital audio output to a High
Definition Media Interface (HDMI) transmitter.
The ALC888S-VD supports host audio from the Intel chipsets, and also from any other HDA compatible
audio controller. With various software utilities like environment sound emulation, multiple-band and
independent software equalizer, dynamic range compressor and expander, optional Dolby PCEE program,
SRS TruSurround HD, SRS Premium Sound, Fortemedia SAM, Creative Host Audio, Synopsys Sonic
Focus, DTS Surround Sensation | UltraPC, and DTS Connect licenses, the ALC888S-VD offers the
highest sound quality, providing an excellent entertainment package and game experience for PC users.
The ALC888S-VD is an upgraded version of the ALC888S-VC, with lower power consumption. It also
features a built-in Low-dropout (LDO) regulator to reduce customer’s external circuit cost.


Número de pieza similar - ALC888S-VD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Descripción similar - ALC888S-VD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com