Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP6330 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza AP6330
Descripción Electrónicos  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AP6330 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
5
3. Deliverables
3.1 Deliverables
The following products and software will be part of the product.
Module with packaging
Evaluation Kits
Software utility for integration, performance test.
Product Datasheet.
Agency certified pre-tested report with the adapter board.
3.2 Regulatory certifications
The product delivery is a pre-tested module, without the module level certification. For
module approval, the platform’s antennas are required for the certification.


Número de pieza similar - AP6330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
   3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP63300Q DIODES-AP63300Q Datasheet
506Kb / 2P
   32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
   AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
506Kb / 2P
   32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
1Mb / 22P
   AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
More results

Descripción similar - AP6330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AP6212 ETC2-AP6212 Datasheet
1Mb / 26P
   WiFiBluetooth 4.0FM RX SIP Module Spec Sheet
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
   WiFi 11ac Bluetooth V4.2 Module
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
   Bluetooth 4.0 BLE module
logo
Murata Manufacturing Co...
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
   WiFi / Bluetooth Module Data Sheet
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
   2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Compex Systems Pte. Lte...
WSD377 COMPEX-WSD377 Datasheet
670Kb / 3P
   2.4GHz/5GHz WiFi Bluetooth Combination Module
logo
List of Unclassifed Man...
BC118 ETC1-BC118 Datasheet
767Kb / 14P
   Bluetooth 4.0
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
   WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
   Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Axiomtek Co., Ltd.
IFO2225-851-FL AXIOMTEK-IFO2225-851-FL Datasheet
359Kb / 2P
   Optional bluetooth/internal WiFi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com