Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICE3BR4765JZ Datasheet(PDF) 11 Page - Infineon Technologies AG

No. de pieza ICE3BR4765JZ
Descripción Electrónicos  Off-Line SMPS Current Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BR4765JZ Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3BR4765JZ Datasheet HTML 7Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 8Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 9Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 10Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 11Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 12Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 13Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 14Page - Infineon Technologies AG ICE3BR4765JZ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ICE3BR4765JZ
Functional Description
Version 2.1
11
30 Aug 2011
3.4
Startup Phase
Figure 9
Soft Start
In the Startup Phase, the IC provides a Soft Start
period to control the primary current by means of a duty
cycle limitation. The Soft Start function is a built-in
function and it is controlled by an internal counter.
.
Figure 10
Soft Start Phase
When the VVCC exceeds the on-threshold voltage, the
IC starts the Soft Start mode (see Figure 10).
The function is realized by an internal Soft Start
resistor, an current sink and a counter. And the
amplitude of the current sink is controlled by the
counter (see Figure 11).
Figure 11
Soft Start Circuit
After the IC is switched on, the VSFOFTS voltage is
controlled such that the voltage is increased step-
wisely (32 steps) with the increase of the counts. The
Soft Start counter would send a signal to the current
sink control in every 600us such that the current sink
decrease gradually and the duty ratio of the gate drive
increases gradually. The Soft Start will be finished in
20ms (TSoft-Start) after the IC is switched on. At the end
of the Soft Start period, the current sink is switched off.
Figure 12 Gate drive signal under Soft-Start Phase
S o ft - S ta r t
C o m p a r a to r
S o ft S ta r t
&
G 7
C 7
G a te D r iv e r
0 .6 7 V
x 3 .3
P W M O P
C S
S o ft S ta r t c o u n te r
S o ft S ta r t
S o ftS
V
SoftS
V
SoftS2
V
SoftS1
5V
R
SoftS
Soft Start
Counter
I
2I
4I
SoftS
8I
32I
t
VSOFTS32
VSoftS
Gate
Driver
t
TSoft-Start


Número de pieza similar - ICE3BR4765JZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ICE3BR4765J INFINEON-ICE3BR4765J Datasheet
751Kb / 32P
   CoolSET짰-F3R
Version 2.5, 19 Nov 2012
More results

Descripción similar - ICE3BR4765JZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com