Nombre de pieza
         Descripción
NJM2712

 ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER ( 8 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
NJM2712
-1 -
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGR OUTLINE
s
s
s
s FEATURES
q
Operating Voltage
(
±2.0 to ±4.5V)
q
Operating Current
(3.8mA typ. at V+/V-=
±2.5V)
q
High Slew Rate
(260V/
µs typ.)
q
Gain Bandwidth Product
(1GHz typ.)
Bandwidth
(10MHz typ. at 40dB)
q
Unity Gain Bandwidth
(180MHz typ.)
q
Input Offset Voltage
(7mV max.)
q
Maximum Output Voltage
(
±1.5V typ. at RL=1kΩ)
q
Open Loop Voltage Gain
(75dB typ.)
q
Bipolar Technology
q
Package Outline
DMP8,TVSP8
s
s
s
s PIN CONFIGURATION
NJM2712M
NJM2712RB1
(Top View)
The NJM2712 is an ultra high speed dual operational
amplifier.
It can swings 260V/
µs high slew rate and 1GHz gain
band width product(10MHz typ. at 40dB) at
±2.5V.
It is suitable for pickup circuit of CD-R/RW or DVD-
R/RW, wideband video system, high resolution scanner
or FAX, high speed telecommunications, and any other
high speed signal processing system.
NJM2712M
NJU2712RB1
1
2
3
5
4
-
+
-
+
7
6
8
PIN FUNCTION
1.OUTPUT1
2.-INPUT1
3.+INPUT1
4.V-
5.+INPUT2
6.-INPUT2
7.OUTPUT2
8.V+
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NJM2711ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNew Japan Radio
NJM2710ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNew Japan Radio
NJM2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 New Japan Radio
LM7131Tiny High Speed Single Supply Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor
LT1190Ultra High Speed Operational Amplifier 1 2 3 4 5 MoreLinear Technology
UPC4572LOW SUPPLY VOLTAGE ULTRA LOW-NOISE HIGH SPEED WIDE BAND LOW IB DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
NJM2742HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNew Japan Radio
HS-1100RHRadiation Hardened Ultra High Speed Current Feedback Amplifier 1 2 3 4 5 MoreIntersil Corporation
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
NJM2721Single Ultra-High speed and Wide Band Operational Amplifier 1 2 3 4 5 MoreNew Japan Radio