Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES3986F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza ES3986F
Descripción Electrónicos  Digital-Audio Processor Product Brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ES3986F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES3986F Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3986F Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3986F Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3986F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0393-031201
3
ES3986 PRODUCT BRIEF
ES3986 PIN DESCRIPTIONS
ES3986 PIN DESCRIPTIONS
The ES3986 pins are listed and described in Table 1.
Table 1 ES3896 Pin Descriptions
Names
Pin Numbers
I/O
Definitions
VDD
1, 31, 51
I
Voltage supply for 2.5V.
RAS#
2
O
DRAM row address strobe (active low).
DWE#
3
O
DRAM write enable (active low).
DA[8:0]
4:12
O
DRAM multiplexed row and column address bus.
DBUS[15:0]
13:28
I/O
DRAM data bus.
RESET#
29
I
System reset (active low).
VSS
30, 50, 80, 100
I
Ground.
NC
32:41, 43, 44
No Connect.
CPUCLK
42
I
RISC and system clock input.
CPUCLK is used only if SEL_PLL[1:0] = 00.
AUX[7:0]
44:49, 54, 52,
53,
I/O
Auxiliary control pins (AUX0 and AUX1 are open collectors.)
LD[7:0]
55:62
I/O
RISC interface data bus.
LWR#
63
O
RISC interface write enable (active low).
LOE#
64
O
RISC interface output enable (active low).
LCS[3,1,0]#
65, 66, 67
O
RISC interface chip select (active low).
LA[17:0]
68:79, 82:87
O
RISC interface address bus.
VPP
81
I
Digital supply voltage for 5V.
ACLK
88
I/O
Master clock for external audio DAC (8.192 MHz, 11.2896 MHz, 12.288 MHz, 16.9344
MHz, and 18.432 MHz)
AOUT/
SEL_PLL0
89
O
Dual-purpose pin. AOUT is the audio interface serial data output.
I
Pins SEL_PLL[1:0] select phase-lock loop (PLL) clock frequency CPUCLK
for the ES3986:
00 =
bypass PLL
01 =
54-MHz PLL
10 =
67.5-MHz PLL
11 =
81-MHz PLL.
ATCLK
90
I/O
Audio transmit bit clock.
ATFS/
SEL_PLL1
91
O
Dual-purpose pin. ATFS is the audio interface transmit frame sync.
I
Pins SEL_PLL[1:0] select phase-lock loop clock frequency CPUCLK for the ES3986.
(Refer to the SEL_PLL0 pin above for the settings.)
DA9/DOE#
92
O
Dual-purpose pin: DRAM output enable (active low)/DRAM multiplexed row and column
address bus.
AIN
93
I
Audio interface serial data input.
ARCLK
94
I
Audio receive bit clock.
ARFS
95
I
Audio interface receive frame sync.
TDMCLK
96
I
TDM interface serial clock.
TDMDR
97
I
TDM interface serial data receive.
TDMFS
98
I
TDM interface frame sync.
CAS#
99
O
DRAM column address strobe bank 0 (active low).


Número de pieza similar - ES3986F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
ES3 JAE-ES3 Datasheet
291Kb / 5P
   LED Power Supply Card Edge Type Connector
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3-F03-14 DIT-ES3-F03-14 Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3-F03-17 DIT-ES3-F03-17 Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3-F05-14 DIT-ES3-F05-14 Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Descripción similar - ES3986F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
   Digital Audio Processor Product Brief
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
   Digital Audio Processor Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
   Digital Media Processor Product Brief
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
   Digital Media Processor 2 Product Brief
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
   DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
   DVD Processor Product Brief
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
List of Unclassifed Man...
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
   Home Gateway Processor Product Brief
logo
Hitachi Semiconductor
SH7750 HITACHI-SH7750 Datasheet
58Kb / 2P
   SuperH RISC Processor Product Brief
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
   Super VCD Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com