Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIR6N40LG Datasheet(PDF) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

No. de pieza FIR6N40LG
Descripción Electrónicos  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Página de inicio  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR6N40LG Datasheet(HTML) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR6N40LG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N40LG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
ID=250μA,VGS=0
400
-
-
V
△BVDSS/△TJ
Breakdown Voltage Temperature
Coefficient
ID=250μA ,Reference
to 25℃
-
0.
54
-
V/
IDSS
Zero Gate Voltage Drain Current
VDS=
400V, V
GS=0V
-
-
1
μA
VDS=
320V, Tj=125℃
10
IGSSF
Gate-body leakage Current,
Forward
VGS=+30V, VDS=0V
-
-
100
nA
IGSSR
Gate-body leakage Current,
Reverse
VGS=-30V, VDS=0V
-
-
-100
On Characteristics
VGS(TH)
Date Threshold Voltage
ID=250μA,VDS=VGS
2
-
4
V
RDS(ON)
Static Drain-Source
On-Resistance
ID=
3A,V
GS=10V
-
-
1.0
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25V,VGS=0,
f=1.0MHz
-
810
980
pF
Coss
Output Capacitance
-
80
105
Crss
Reverse Transfer Capacitance
-
15
20
Switching Characteristics
Td(on)
Turn-On Delay Time
VDD=
200V,I
D=
6A
RG=25Ω (Note 3,4)
-
35
nS
Tr
Turn-On Rise Time
-
1
40
Td(off)
Turn-Off Delay Time
-
55
Tf
Turn-Off Rise Time
-
8
5
Qg
Total Gate Charge
VDS=
320V,V
GS=10V,
ID=
6A (Note 3,4)
-
nC
Qgs
Gate-Source Charge
-
2.3
-
Qgd
Gate-Drain Charge
-
6.4
-
Drain-Source Diode Characteristics and Maximum Ratings
Is
Max. Diode Forward Current
-
-
-
6
A
ISM
Max. Pulsed Forward Current
-
-
-
24
VSD
Diode Forward Voltage
ID=
6A
-
V
Trr
Reverse Recovery Time
IS=
6A,V
GS =0V
diF/dt=100A/
μs
(Note3)
-
2
30
-
nS
Qrr
Reverse Recovery Charge
-
1.
7
-
μC
Notes : 1, L=
17.9mH, IAS=6A, VDD=50V, RG=25Ω, Starting TJ =25°C
2, Repetitive Rating : Pulse width limited by maximum junction temperature
3, Pulse Test : Pulse Width
≤ 300μs, Duty Cycle ≤ 2%
4, Essentially Independent of Operating Temperature
-
-
-
22
-
-
1.5
-
www.First-semi.com
Page 2/9
FIR6N40BPG,FIR6N40LG


Número de pieza similar - FIR6N40LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Foster Semicon...
FIR6N40FG FOSTER-FIR6N40FG Datasheet
2Mb / 8P
   400V N-Channel MOSFET -T
More results

Descripción similar - FIR6N40LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com